Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2010-RFX+ Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button MAXQ2010-RFX+ Datasheet HTML 26Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 27Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 28Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 29Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 34Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
Additional Documentation
Designers must have four documents to fully use all the
features of this device. This data sheet contains pin
descriptions, feature overviews, and electrical specifi-
cations. Errata sheets contain deviations from pub-
lished specifications. The user’s guides offer detailed
information about device features and operation. The
following documents can be downloaded from
www.maxim-ic.com/microcontrollers.
• This MAXQ2010 data sheet, which contains electri-
cal/timing specifications and pin descriptions.
• The MAXQ2010 revision-specific errata sheet
(www.maxim-ic.com/errata).
• The
MAXQ Family User's Guide, which contains detailed
information on core features and operation, including
programming (www.maxim-ic.com/MAXQUG).
• The
MAXQ Family User's Guide: MAXQ2010 Supplement,
which contains detailed information on features spe-
cific to the MAXQ2010.
Development and Technical
Support
Maxim and third-party suppliers provide a variety of
highly versatile, affordably priced development tools for
this microcontroller, including the following:
• Compilers
• In-circuit emulators
• Integrated Development Environments (IDEs)
• JTAG-to-serial converters for programming and
debugging
A partial list of development tool vendors can be found
at www.maxim-ic.com/MAXQ_tools.
For technical support, go to https://support.maxim-
ic.com/micro.
16-Bit Mixed-Signal Microcontroller
with LCD Interface
______________________________________________________________________________________
33
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
100 LQFP
—
21-0297
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
PART
PROGRAM
MEMORY (KB)
DATA MEMORY
(KB)
LCD SEGMENTS
ADC CHANNELS
ADC RESOLUTION
MAXQ2010-RFX+
64
2
160
8
12
Selector Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com