Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2010-RFX+ Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAXQ2010-RFX+ Datasheet HTML 12Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 14Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 15Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 16Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 17Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 18Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
16-Bit Mixed-Signal Microcontroller
with LCD Interface
16
______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
POWER PINS
40, 63, 96
DVDD
Digital Supply Voltage
41, 66, 95
DGND
Digital Ground
98, 99
REGOUT
Regulator Capacitor. These pins must be shorted together at the pins and then connected to
ground through a 1.0μF ceramic capacitor.
82
AVDD
Analog Supply Voltage
79
AGND
Analog Ground
ANALOG MEASUREMENT PINS
70
AVREF
Analog Voltage Reference. When using an external reference source, this pin must be
connected to 1μF and 0.01μF filter capacitors in parallel. When using an internal reference
source, this pin must be connected to a 0.01μF capacitor.
78, 77
AN0, AN1
Analog Input 0:1. This pair of analog inputs can function as two single-ended inputs or one
differential pair. When functioning in differential mode, AN0 is the positive input and AN1 is
the negative input.
76, 75
AN2, AN3
Analog Input 2:3. This pair of analog inputs can function as two single-ended inputs or one
differential pair. When functioning in differential mode, AN2 is the positive input and AN3 is
the negative input.
74, 73
AN4, AN5
Analog Input 4:5. This pair of analog inputs can function as two single-ended inputs or one
differential pair. When functioning in differential mode, AN4 is the positive input and AN5 is
the negative input.
72, 71
AN6, AN7
Analog Input 6:7. This pair of analog inputs can function as two single-ended inputs or one
differential pair. When functioning in differential mode, AN6 is the positive input and AN7 is
the negative input.
RESET PIN
92
RST
Digital, Active-Low, Reset Input/Output. The CPU is held in reset when this pin is low and
begins executing from the reset vector when released. The pin includes pullup current source
and should be driven by an open-drain, external source capable of sinking in excess of 4mA.
This pin is driven low as an output when an internal reset condition occurs.
CLOCK PINS
81
32KIN
80
32KOUT
32kHz Crystal Input/Output. Connect an external 6pF, 32kHz watch crystal between 32KIN
and 32KOUT to generate the system clock. Alternatively, 32KIN is the input for an external
clock source when 32KOUT is disconnected.
64
HFXIN
65
HFXOUT
High-Frequency Crystal Input. Connect an external crystal or resonator between HFXIN and
HFXOUT as the high-frequency system clock. Alternatively, HFXIN is the input for an external,
high-frequency clock source when HFXOUT is disconnected.
LCD PINS
45
VLCD
LCD Bias Control Voltage. Highest LCD drive voltage used with static bias. Connected to an
external source.
44
VLCD1
LCD Bias, Voltage 1. LCD drive voltage used with 1/2 and 1/3 LCD bias. An internal resistor-
divider sets the voltage. External resistors and capacitors can be used to change the LCD
voltage or drive capability at this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com