Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2010-RFX+ Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAXQ2010-RFX+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 10Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 11Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 12Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 14Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 15Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
16-Bit Mixed-Signal Microcontroller
with LCD Interface
12
______________________________________________________________________________________
I2C BUS CONTROLLER TIMING (ACTING AS I2C MASTER)
(VDVDD = VAVDD = 2.7V to 3.6V, TA = -40°C to +85°C.) (Figure 4)
STANDARD MODE
FAST MODE
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
System Frequency
fSYS
0.90
3.60
MHz
Operating Frequency
fI2C
fSYS/8
fSYS/8
Hz
Hold Time After (Repeated)
START
tHD:STA
tHIGH_I2C
tHIGH_I2C
μs
Clock Low Period
tLOW_I2C
5tSYS
5tSYS
μs
Clock High Period
tHIGH_I2C
3tSYS
3tSYS
μs
Setup Time for Repeated START
tSU:STA
tLOW_I2C
tLOW_I2C
μs
Hold Time for Data
tHD:DAT
0
3.45
0
0.9
μs
Setup Time for Data
tSU:DAT
250
100
ns
SDA/SCL Fall Time
tF_I2C
300
20+ 0.1CB
300
ns
SDA/SCL Rise Time
tR_I2C
1000
20+ 0.1CB
300
ns
Setup Time for STOP
tSU:STO
tHIGH_I2C
tHIGH_I2C
μs
Bus-Free Time Between STOP
and START
tBUF
tLOW_I2C
tLOW_I2C
μs
Capacitive Load for Each Bus
Line
CB
400
400
pF
Noise Margin at the Low Level
for Each Connected Device
(Including Hysteresis)
VNL_I2C
0.1 x VDVDD
0.1 x VDVDD
V
Noise Margin at the High Level
for Each Connected Device
(Including Hysteresis)
VNH_I2C
0.2 x VDVDD
0.2 x VDVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com