Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2010-RFX+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAXQ2010-RFX+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 10Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 11Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 12Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
16-Bit Mixed-Signal Microcontroller
with LCD Interface
10
______________________________________________________________________________________
I2C ELECTRICAL CHARACTERISTICS
(VDVDD = VAVDD = 2.7V to 3.6V, TA = -40°C to +85°C.)
Note 19: Devices that use nonstandard supply voltages that do not conform to the intended I2C bus system levels must relate their
input levels to the voltage to which the pullup resistors RP are connected. See Figure 3.
Note 20: CB—Capacitance of one bus line in pF.
Note 21: The maximum fall time of 300ns for the SDA and SCL bus lines shown in the
I2C Bus Controller Timing table is longer than
the specified maximum tOF_I2C of 250ns for the output stages. This allows series protection resistors (RS) to be connected
between the SDA/SCL pins and the SDA/SCL bus lines as shown in the
I2C Bus Controller Timing (Acting as I2C Slave)
table without exceeding the maximum specified fall time. See Figure 3.
SDA
P6.7
SCL
P6.6
RS
RS
I2C
DEVICE
RS
RS
I2C
DEVICE
RP
RP
VDVDD
MAXQ2010
Figure 3. Series Resistors (RS) for Protecting Against High-Voltage Spikes
STANDARD MODE
FAST MODE
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
Input Low Voltage (Note 19)
VIL_I2C
-0.5
0.3 x VDVDD
-0.5
0.3 x VDVDD
V
Input High Voltage (Note 19)
VIH_I2C
0.7 x VDVDD
0.7 x VDVDD VDVDD + 0.5V
V
Input Hysteresis (Schmitt)
VIHYS_I2C VDVDD > 2V
0.05 x VDVDD
V
Output Logic-Low (Open
Drain or Open Collector)
VOL_I2C
VDVDD > 2V, 3mA sink
current
0
0.4
0
0.4
V
Output Fall Time from
VIH_MIN to VIL_MAX with Bus
Capacitance from 10pF to
400pF (Notes 20, 21)
tOF_I2C
250
20 + 0.1CB
250
ns
Pulse Width of Spike
Filtering That Must Be
Suppressed by Input Filter
tSP_I2C
0
50
ns
Input Current on I/O
IIN_I2C
Input voltage from 0.1 x
VDVDD to 0.9 x VDVDD
-10
+10
-10
+10
μA
I/O Capacitance
CIO_I2C
10
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com