Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2010-RFX+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAXQ2010-RFX+ Datasheet HTML 1Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 2Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 3Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 4Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
16-Bit Mixed-Signal Microcontroller
with LCD Interface
_______________________________________________________________________________________
5
RECOMMENDED DC OPERATING CONDITIONS (continued)
(VDVDD = VAVDD = 2.7V to 3.6V, TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage on HFXIN
and 32KIN
VIH1
0.75 x
VDVDD
VDVDD
V
Input High Voltage on All Other
Pins
VIH2
0.70
VDVDD
VDVDD
V
Input Hysteresis (Schmitt)
VIHYS
0.18
V
Output Low Voltage for All Port
Pins (Note 10)
VOL
IOL = +4mA
DGND
0.4
V
Output High Voltage for All Port
Pins (Note 10)
VOH
IOH = -4mA
VDVDD
- 0.4
V
I/O Pin Capacitance
CIO
Guaranteed by design
15
pF
I/O Pin Capacitance SCL, SDA
(Note 11)
CIO_I2C
Guaranteed by design
10
pF
RST Pullup Resistance
RRST
30
85
k
Input Low Current for RST Pin
IIL1
VIN = 0.4V
-85
-30
μA
Input Low Current for All Other
Pins
IIL2
VIN = 0.4V
-85
-30
μA
Input Leakage Current
IL
Internal pullup disabled
-150
+150
nA
Input Pullup Resistor
RPU
30
85
k
CLOCK SOURCE
External Clock Frequency
fHFIN
DC
10
MHz
External Clock Period
tCLCL
100
ns
External Clock Duty Cycle
tXCLK_DUTY
40
60
%
System Clock Frequency
fCK
DC
10
MHz
FREQUENCY-LOCKED LOOP (FLL)
FLL Output Frequency
fFLL
f32KIN = 32.768kHz
8.4
MHz
FLL Output Frequency Delta
fFLL
f32KIN = 32.768kHz
1.5
±5
%
Note 1:
Specifications to -40°C are guaranteed by design and are not production tested.
Note 2:
Typical value presented for reference only. Do not draw current from this pin.
Note 3:
FLL disabled. Crystal connected across HFXIN and HFXOUT. Operating in divide-by-1 mode. Measured on the DVDD pin
and part executing program code from flash. All inputs are connected to GND or DVDD. Outputs do not source/sink any
current. Timer B enabled.
Note 4:
This parameter is guaranteed by design and is not production tested.
Note 5:
FLL enabled. f32KIN = 32.768kHz, HFXIN = disconnected, FLL = 8.39MHz, measured on the DVDD pin, part executing
program code from flash. All inputs are connected to GND or DVDD. Outputs do not source/sink any current. Timer B
enabled.
Note 6:
ISTOP is the total current into the device when the device is in stop mode. This includes both the digital and analog current
(current into DVDD and AVDD).
Note 7:
Regulator, brownout monitor, LCD, and RTC disabled.
Note 8:
Regulator, brownout monitor, and LCD disabled; RTC enabled.
Note 9:
Regulator enabled, brownout monitor enabled, and LCD and RTC disabled.
Note 10: IOH(MAX) + IOL(MAX) for all outputs combined should not exceed 35mA to meet the specification.
Note 11: When DVDD is switched off, SDA and SCL may obstruct the line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com