Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2010-RFX+ Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAXQ2010-RFX+ Datasheet HTML 26Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 27Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 28Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 29Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 34Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
16-Bit Mixed-Signal Microcontroller
with LCD Interface
32
______________________________________________________________________________________
Typical Application Circuit
AVDD
AGND
DVDD
DGND
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
RST
32KIN
32KOUT
AVREF
OPTIONAL
EXTERNAL
REFERENCE
COM3
COM2
COM1
COM0
RX0
TX0
RX1
TX1
UP TO 40
SEG PINS
UP TO 55
DIGITAL I/O PINS
JTAG PINS
10nF
32.768kHz
HFXIN
OPTIONAL
HFXOUT
10MHz
22pF
1
μF
22pF
1k
Ω
REGOUT
1
μF
LCD SEGMENT PINS
160-SEGMENT LCD DISPLAY
SCL
SDA
SSEL
MOSI
SCLK
MISO
SERIAL 0
SERIAL 1
HOST INTERFACE
MAXQ2010
RS-232
TRANSCEIVER
MAX3233E
FOUR CURRENT SOURCES
CAPABLE OF SINKING OR
SOURCING CURRENT*
*APPLICATION DEPENDENT.
JTAG
INTERFACE
HOST INTERFACE
DS4404
DUAL AUDIO TAPER
POTENTIOMETER
WITH PUSHBUTTON
CONTROL*
DS1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com