Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2010-RFX+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAXQ2010-RFX+ Datasheet HTML 4Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 10Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 11Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
16-Bit Mixed-Signal Microcontroller
with LCD Interface
8
_______________________________________________________________________________________
Note 12: Programming time does not include overhead associated with the utility ROM interface.
Note 13: VREF = AVDD.
Note 14: The operational input voltage range for each individual input of a differentially configured pair is from GND to AVDD. The
operational input voltage difference is from -VREF/2 to +VREF/2.
Note 15: The typical value is applied when a conversion is requested with ADPMO = 0. Under these conditions, the minimum delay
is met. If ADPMO = 1, the user is responsible for ensuring the 4µs delay time is met.
Note 16: Switching ADC reference from either internal or external reference to AVDD. Sample accuracy is not guaranteed prior to
ADC reference settlement.
Note 17: Total on-board decoupling capacitance on the AVDD pin < 100nF. The output impedance of the regulator driving the
AVDD pin < 10
Ω.
Note 18: This parameter is guaranteed by design and is not production tested.
RECOMMENDED DC OPERATING CONDITIONS (continued)
(VDVDD = VAVDD = 2.7V to 3.6V, TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SPI (See Figures 1 and 2)
SPI Master Operating Frequency
1/tMCK
fCK/2
MHz
SPI Slave Operating Frequency
1/tSCK
fCK/8
MHz
SCLK Output Pulse-Width
High/Low
tMCH, tMCL
(tMCK/2)
- 25
ns
SCLK Input Pulse-Width
High/Low
tSCH, tSCL
tSCK/2
ns
MOSI Output Hold Time After
SCLK Sample Edge
tMOH
CL = 50pF
(tMCK/2)
- 25
ns
MOSI Output Valid to Sample
Edge
tMOV
(tMCK/2)
- 25
ns
MISO Input Valid to SCLK
Sample Edge Rise/Fall Setup
tMIS
25
ns
MISO Input to SCLK Sample
Edge Rise/Fall Hold
tMIH
0
ns
SCLK Inactive to MOSI Inactive
tMLH
(tMCK/2)
- 25
ns
SSEL Active to First Shift Edge
tSSE
4tCK
ns
MOSI Input to SCLK Sample
Edge Rise/Fall Setup
tSIS
20
ns
MOSI Input from SCLK Sample
Edge Transition Hold
tSIH
tCK +
25
ns
MISO Output Valid After SCLK
Shift Edge Transition
tSOV
3tCK +
25
ns
SSEL Inactive
tSSH
tCK +
25
ns
SCLK Inactive to SSEL Rising
tSD
tCK +
25
ns
MISO Output Disabled After
SSEL Edge Rise
tSLH
2tCK +
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com