Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2010-RFX+ Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAXQ2010-RFX+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 14Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 15Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 16Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 17Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 18Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 20Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
16-Bit Mixed-Signal Microcontroller
with LCD Interface
______________________________________________________________________________________
17
Pin Description (continued)
PIN
NAME
FUNCTION
43
VLCD2
LCD Bias, Voltage 2. LCD drive voltage used with 1/3 LCD bias. An internal resistor-divider
sets the voltage. External resistors and capacitors can be used to change LCD voltage or
drive capability at this pin.
42
VADJ
LCD Adjustment Voltage. Connect to an external resistor to provide external control of the LCD
contrast. Leave disconnected for internal contrast adjustment.
GENERAL-PURPOSE I/O, SPECIAL FUNCTION, AND LCD INTERFACE PINS
Digital I/O, Type D Port 0; LCD Segment-Driver Output; External Edge-Selectable Interrupt.
This port functions as either bidirectional I/O or alternate LCD segment-drive outputs. The reset
condition of the port is with all bits at logic 1. In this state, a weak pullup holds the port high.
This condition serves as an input mode. Each port pin can individually be configured to act as
an external interrupt. Setting the PCF0 bit switches all pins on this port to LCD segment-drive
outputs.
It is possible to mix the LCD and interrupt functions on the same port. To do this, the interrupt
enable must be established prior to setting the PCF0 bit. Care must be taken not to enable the
external interrupt while the LCD is in normal operational mode, as this could result in
potentially harmful contention between the LCD controller output and the external source
connected to the interrupt input.
PIN
PORT
SPECIAL/ALTERNATE FUNCTION
6
P0.0
SEG0
INT0
5
P0.1
SEG1
INT1
4
P0.2
SEG2
INT2
3
P0.3
SEG3
INT3
2
P0.4
SEG4
INT4
1
P0.5
SEG5
INT5
94
P0.6
SEG6
INT6
6–1, 94, 93
P0.0–P0.7;
SEG0–SEG7;
INT0–INT7
93
P0.7
SEG7
INT7
Digital I/O, Type C Port 1; LCD Segment-Driver Output. This port functions as either
bidirectional I/O or alternate LCD segment-drive outputs. The reset condition of the port is with
all bits at logic 1. In this state, a weak pullup holds the port high. This condition serves as an
input mode. The port pins also contain a Schmitt voltage input. Setting the PCF1 bit switches
all pins on this port to LCD segment-drive outputs.
PIN
PORT
SPECIAL/ALTERNATE FUNCTION
91
P1.0
SEG8
90
P1.1
SEG9
89
P1.2
SEG10
88
P1.3
SEG11
87
P1.4
SEG12
86
P1.5
SEG13
85
P1.6
SEG14
91–84
P1.0–P1.7;
SEG8–SEG15
84
P1.7
SEG15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com