Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2010-RFX+ Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAXQ2010-RFX+ Datasheet HTML 24Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 25Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 26Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 27Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 28Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 29Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
16-Bit Mixed-Signal Microcontroller
with LCD Interface
28
______________________________________________________________________________________
(ADPMO = 0), the ADC waits for 20 ADCCLK before
starting the first conversion. This allows the ADC time to
set up.
If ADPMO = 1, an ADC conversion is initiated as soon
as ADCONV is set to 1. ADC operation is aborted upon
entry into PMM or stop mode.
The ADCONV bit is set at the beginning of the conver-
sion process and remains set until the conversion
process is finished. In single-sequence mode, this bit
remains set until the ADC has finished conversion on
the last channel in the sequence. In continuous mode,
the ADCONV bit remains set until the continuous mode
is stopped. Writing a 0 to the ADCONV bit stops ADC
operation at the completion of the current ADC conver-
sion. The new data is written to the data buffer.
An A/D conversion takes 16 ADCCLK cycles to com-
plete. Three of the 16 ADCCLK cycles are used for
sample acquisition. The ADCCLK is derived from the
system clock with divide ratio defined by the ADC clock
divider bits (ADCCLK). Therefore, with 16 ADCCLK to
acquire one data, the fastest ADC rate = sysclk/16
(ADCCLK = 0h, ADACQEN = 0h). With a 10MHz sys-
tem clock, this is theoretically equivalent to 10MHz/16
value Msps. Note, however, that the ADC conversion is
limited to 300ksps.
If the ADC data-available interrupt is enabled (ADDAIE
= 1), an interrupt is generated to the CPU when ADDAI
= 1. Once set, the ADDAI flag can be cleared by soft-
ware writing a 0 or at the start of a conversion process
when ADCONV is set to 1. The data-available interrupt
flag (ADDAI) can optionally be set by using the ADC
data-available interrupt interval bits (ADDAINV). The
ADDAI can be set in 1, 2, 3, 4, 5, 6, 7, 8, 12, or 16 sam-
ples intervals. For a sequence that uses only one con-
figuration register, setting ADDAINV = 00 generates an
interrupt with the same interval as ADDAINV = 01, both
of which set the ADDAI at every ADC sample. When the
ADDAI is set, the last memory location written by ADC
will also be written to ADDADDR.
LCD Controller
The MAXQ2010 microcontroller incorporates an LCD
controller that interfaces to common low-voltage dis-
plays. By incorporating the LCD controller into the
microcontroller, the design requires only an LCD glass
rather than a considerably more expensive LCD mod-
ule. Every character in an LCD glass is composed of
one or more segments, each of which is activated by
selecting the appropriate segment and common signal.
The microcontroller can multiplex combinations of up to
43 segment outputs (SEG0 to SEG42) and four com-
mon signal outputs (COM0 to COM3). Unused segment
outputs can be used as general-purpose port pins.
The segments are easily addressed by writing to dedi-
cated display memory. Once the LCD controller set-
tings and display memory have been initialized, the
21-byte display memory is periodically scanned, and
the segment and common signals are generated auto-
matically at the selected display frequency. No addi-
tional processor overhead is required while the LCD
controller is running. Unused display memory can be
used for general-purpose storage.
The design is further simplified and cost reduced by
the inclusion of software-adjustable internal voltage-
INPUT
MULTIPLEXER
AND
TRACK/HOLD
12-BIT
SAR
INTERNAL
REFERENCE
EXTERNAL
REFERENCE
AVDD
ADC REFERENCE
ADC CONTROL
AN7
AVDD
AVSS
ADC INTERRUPT
AN6
AN5
AN4
AN3
AN2
AN1
AN0
Figure 7. ADC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com