Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2010-RFX+ Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAXQ2010-RFX+ Datasheet HTML 25Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 26Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 27Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 28Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 29Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
16-Bit Mixed-Signal Microcontroller
with LCD Interface
______________________________________________________________________________________
29
dividers to control display contrast, using either VDDIO
or an external voltage. If desired, contrast can also be
controlled with an external resistance. The features of
the LCD controller include the following:
• Automatic LCD segment and common-drive signal
generation
• Four display modes supported:
Static (COM0)
1/2 duty multiplexed with 1/2 bias voltages (COM[0:1])
1/3 duty multiplexed with 1/3 bias voltages (COM[0:2])
1/4 duty multiplexed with 1/3 bias voltages (COM[0:3])
• Up to 43 segment outputs and four common-signal
outputs
• 21 bytes (168 bits) of display memory
• Flexible LCD clock source, selectable from 32kHz or
HFClk/512
• Adjustable frame frequency
• Internal voltage-divider resistors eliminate require-
ment for external components
• Internal adjustable resistor allows contrast adjustment
without external components
A simple LCD-segmented glass interface example
demonstrates the minimal hardware required to inter-
face to a MAXQ2010 microcontroller. A two-character
LCD is controlled, with each character containing
seven segments plus decimal point. The LCD controller
is configured for 1/2 duty-cycle operation, meaning the
active segment is controlled using a combination of
segment signals and COM0 or COM1 signals are used
to select the active display. See Figure 8.
In-Circuit Debug
Embedded debugging capability is available through
the JTAG-compatible TAP. Embedded debug hardware
and embedded ROM firmware provide in-circuit debug-
ging capability to the user application, eliminating the
need for an expensive in-circuit emulator. Figure 9
shows a block diagram of the in-circuit debugger. The
in-circuit debug features include the following:
• A hardware debug engine.
• A set of registers able to set breakpoints on register,
code, or data accesses.
• A set of debug service routines stored in the utility
ROM.
The embedded hardware debug engine is an indepen-
dent hardware block in the microcontroller. The debug
engine can monitor internal activities and interact with
selected internal registers while the CPU is executing
user code. Collectively, the hardware and software fea-
tures allow two basic modes of in-circuit debugging:
• Background mode allows the host to configure and
set up the in-circuit debugger while the CPU contin-
ues to execute the application software at full speed.
Debug mode can be invoked from background mode.
• Debug mode allows the debug engine to take control
of the CPU, providing read/write access to internal reg-
isters and memory, and single-step trace operation.
SEG0
SEG1
SEG2
SEG3
COM0
SEG[0:7]
CONNECTED TO DARK GREY SEGMENTS
COM1
CONNECTED TO LIGHT GREY SEGMENTS
SEG4
SEG5
SEG6
SEG7
MAXQ2010
Figure 8. Two-Character, 1/2 Duty, LCD Interface Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com