Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2010-RFX+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAXQ2010-RFX+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 10Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 11Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 12Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 14Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
16-Bit Mixed-Signal Microcontroller
with LCD Interface
______________________________________________________________________________________
11
I2C BUS CONTROLLER TIMING
(VDVDD = VAVDD = 2.7V to 3.6V, TA = -40°C to +85°C.) (Note 22) (Figure 4)
STANDARD MODE
FAST MODE
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
Operating Frequency
fI2C
0
100
0
400
kHz
Hold Time After (Repeated)
START
tHD:STA
4.0
0.6
μs
Clock Low Period
tLOW_I2C
4.7
1.3
μs
Clock High Period
tHIGH_I2C
4.0
0.6
μs
Setup Time for Repeated START
tSU:STA
4.7
0.6
μs
Hold Time for Data
tHD:DAT
0
(Note 23)
3.45
(Note 24)
0
(Note 23)
0.9
(Note 24)
μs
Setup Time for Data
tSU:DAT
250
100
(Note 25)
ns
SDA/SCL Fall Time
tF_I2C
300
20 + 0.1CB
(Note 26)
300
ns
SDA/SCL Rise Time
tR_I2C
1000
20 + 0.1CB
(Note 26)
300
ns
Setup Time for STOP
tSU:STO
4.0
0.6
μs
Bus-Free Time Between STOP
and START
tBUF
4.7
1.3
μs
Capacitive Load for Each Bus
Line
CB
400
400
pF
Noise Margin at the Low Level
for Each Connected Device
(Including Hysteresis)
VNL_I2C
0.1 x VDVDD
0.1 x VDVDD
V
Noise Margin at the High Level
for Each Connected Device
(Including Hysteresis)
VNH_I2C
0.2 x VDVDD
0.2 x VDVDD
V
Note 22: All values referenced to VIH_I2C(MIN) and VIL_I2C(MAX).
Note 23: A device must internally provide a hold time of at least 300ns for the SDA signal (referred to as the VIH_I2C(MIN) of the SCL
signal) to bridge the undefined region of the falling edge of SCL.
Note 24: The maximum tHD:DAT need only be met if the device does not stretch the low period (tLOW_I2C) of the SCL signal.
Note 25: A fast-mode I2C bus device can be used in a standard-mode I2C bus system, but the requirement tSU:DAT
≥ 250ns must
be met. This is automatically the case if the device does not stretch the low period of the SCL signal. If such a device does
stretch the low period of the SCL signal, it must output the next data bit to the SDA line tR_I2C(MAX) + tSU:DAT = 1000 + 250
= 1250ns (according to the standard-mode I2C specification) before the SCL line is released.
Note 26: CB—Total capacitance of one bus line in pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com