Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2010-RFX+ Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAXQ2010-RFX+ Datasheet HTML 15Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 16Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 17Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 18Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 20Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 21Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 22Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
16-Bit Mixed-Signal Microcontroller
with LCD Interface
______________________________________________________________________________________
19
Pin Description (continued)
PIN
NAME
FUNCTION
LCD Segment-Driver Output; LCD Common Drive Output. These pins function as LCD
segment or common drive outputs. Configuring a pin as a common drive output disables the
segment function for that pin.
PIN
SPECIAL/ALTERNATE FUNCTION
10
COM3
SEG40
9
COM2
SEG41
10, 9, 8
COM3, COM2,
COM1; SEG40,
SEG41, SEG42
8
COM1
SEG42
7COM0
LCD Common Drive 0, Output. This pin functions as a LCD common-drive output.
68
P5.0/INT8/
TB0B/RX0
Digital I/O, Type D Port 5.0; Timer B0 Pin B; Serial Port 0 Receive; External Edge-Selectable
Interrupt 8. This pin defaults to an input with a weak pullup after reset and functions as
general-purpose I/O. The port pad contains a Schmitt voltage input and can be configured as
an external interrupt. Enabling a special function disables the pin as digital I/O.
67
P5.1/INT9/
TB0A/TX0
Digital I/O, Type D Port 5.1; Timer B0 Pin A; Serial Port 0 Transmit; External Edge-
Selectable Interrupt 9. This pin defaults to an input with a weak pullup after reset and
functions as general-purpose I/O. The port pad contains a Schmitt voltage input and can be
configured as an external interrupt. Enabling a special function disables the pin as general-
purpose I/O.
61
P5.2/INT10/
SQW
Digital I/O, Type-D Port 5.2; External Edge-Selectable Interrupt 10; RTC Square-Wave Output.
This pin defaults to an input with a weak pullup after reset and functions as general-purpose
I/O. The port pad contains a Schmitt voltage input and can be configured as an external
interrupt. Enabling a special function disables the pin as general-purpose I/O.
60
P5.3/INT11/
SSEL
Digital I/O, Type D Port 5.3; External Edge-Selectable Interrupt 11; Active-Low SPI Slave-
Select Input. This pin defaults to an input with a weak pullup after reset and functions as
general-purpose I/O. The port pad contains a Schmitt voltage input and can be configured as
an external interrupt. Enabling a special function disables the pin as general-purpose I/O.
59
P5.4/INT12/
MOSI
Digital I/O, Type D Port 5.4; External Edge-Selectable Interrupt 12; SPI Master Out-Slave In.
This pin defaults to an input with a weak pullup after reset and functions as general-purpose
I/O. The port pad contains a Schmitt voltage input and can be configured as an external
interrupt. Enabling a special function disables the pin as general-purpose I/O.
58
P5.5/INT13/
SCLK
Digital I/O, Type D Port 5.5; External Edge-Selectable Interrupt 13; SPI Clock Output. This pin
defaults as an input with a weak pullup after a reset and functions as general-purpose I/O. The
port pad contains a Schmitt input circuitry and can be configured as an external interrupt.
Enabling a special function disables the pin as general-purpose I/O.
57
P5.6/INT14/
MISO
Digital I/O, Type D Port 5.6; External Edge-Selectable Interrupt 14; SPI Master In-Slave Out.
This pin defaults to an input with a weak pullup after reset and functions as general-purpose
I/O. The port pad contains a Schmitt voltage input and can be configured as an external
interrupt. Enabling a special function disables the pin as general-purpose I/O.
32
P6.0/INT15/
TCK
Digital I/O, Type D Port 6.0; External Edge-Selectable Interrupt 15; JTAG Test Clock Input.
This pin defaults to an input with a weak pullup after reset and functions as general-purpose
I/O. The port pad contains a Schmitt voltage input and can be configured as an external
interrupt. Enabling a special function disables the pin as general-purpose I/O.
31
P6.1/INT16/
TDI
Digital I/O, Type D Port 6.1; External Edge-Selectable Interrupt 16; JTAG Test Data Input.
This pin defaults to an input with a weak pullup after reset and functions as general-purpose
I/O. The port pad contains a Schmitt voltage input and can be configured as an external
interrupt. Enabling a special function disables the pin as general-purpose I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com