Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2010-RFX+ Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAXQ2010-RFX+ Datasheet HTML 18Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 20Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 21Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 22Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 23Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 24Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 25Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
16-Bit Mixed-Signal Microcontroller
with LCD Interface
22
______________________________________________________________________________________
On reset, the stack pointer, SP, initializes to the top of
the stack (0Fh). The CALL, PUSH, and interrupt-vector-
ing operations increment SP, then store a value at the
location pointed to by SP. The RET, RETI, POP, and
POPI operations retrieve the value at SP and then
decrement SP.
Utility ROM
The utility ROM is a 4KB block of internal ROM memory
that defaults to a starting address of 8000h. The utility
ROM consists of subroutines that can be called from
application software. These include the following:
• In-system programming (bootstrap loader) using
JTAG interface
• In-circuit debug routines
• Test routines (internal memory tests, memory loader,
etc.)
• User-callable routines for in-application flash pro-
gramming and fast table lookup
Following any reset, execution begins in the utility ROM.
The ROM software determines whether the program
execution should immediately jump to location 0000h,
the start of user-application code, or to one of the spe-
cial routines mentioned. Routines within the utility ROM
are user-accessible and can be called as subroutines
by the application software. More information on the
utility ROM contents is contained in the
MAXQ Family
User’s Guide: MAXQ2010 Supplement.
Some applications require protection against unautho-
rized viewing of program code memory. For these
PROGRAM
SPACE
DATA
SPACE
2K x 16
UTILITY ROM
1K x 16
DATA RAM
32K x 16
PROGRAM
MEMORY
8000h
00h
0Fh
FFFFh
WBSn = 1
FFFFh
WBSn = 0
FFFFh
07FFh
03FFh
0000h
0000h
87FFh
7FFFh
0000h
0Fh
07h
06h
00h
1Fh
SPRs
SFRs
REGISTERS
FFh
16 x 16
STACK
Figure 5. MAXQ2010 Default Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com