Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 38Page - Analog Devices AD9548/PCBZ Datasheet HTML 39Page - Analog Devices AD9548/PCBZ Datasheet HTML 40Page - Analog Devices AD9548/PCBZ Datasheet HTML 41Page - Analog Devices AD9548/PCBZ Datasheet HTML 42Page - Analog Devices AD9548/PCBZ Datasheet HTML 43Page - Analog Devices AD9548/PCBZ Datasheet HTML 44Page - Analog Devices AD9548/PCBZ Datasheet HTML 45Page - Analog Devices AD9548/PCBZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 112 page
background image
AD9548
Rev. 0 | Page 42 of 112
Active Reference Synchronization (Zero Delay)
Active reference synchronization is the term applied to the case
when sync source = 01 (Register 0402, Bits[5:4]). Referring to
Figure 48, this means that the active reference sync path is
active because Bit 4 = 1, enabling the lower AND gate and
disabling the upper AND gate. The edge detector in the active
reference sync block monitors the rising edges of the active
reference (the mux selects the active reference automatically).
The edge detector is armed via the primary synchronization
signal, which is one of the four inputs to the OR gate (typically
the direct sync source). As soon as the edge detector is armed,
its output goes high, which stalls the output dividers in the
clock distribution block. Furthermore, once armed, a rising
edge from the active reference forces the output of the edge
detector low. This restarts the output dividers, thereby
synchronizing the clock distribution block.
The term zero delay applies because it provides a means to edge
align the output signal with the active input reference signal.
Typically, zero-delay architectures use the output signal in the
feedback loop of a PLL to track input/output edge alignment.
Active reference synchronization, however, operates open loop.
That is, synchronization of the output via the distribution
synchronization logic occurs on a single edge of the active
reference.
The fact that an active reference edge triggers the falling edge of
the synchronization pulse means that the falling edge is
asynchronous to the signal that clocks the distribution output
dividers (CLKINx). Therefore, the output clock distribution
logic reclocks the internal synchronization pulse to synchronize
it with the CLKINx signal. This means that the output dividers
restart after a deterministic delay associated with the reclocking
circuitry. This deterministic delay has two components. The
first deterministic delay component is four or five periods of the
CLKINx signal. The one period uncertainty is due to the
unknown position of the asynchronous reference clock edge
relative to the CLKINx signal. The second deterministic delay
component is one output period of the distribution divider.
MULTIFUNCTION PIN
SYNC SOURCE
0
1
REGISTER
0402[5]
SYSCLK/4
DPLL
FEEDBACK
EDGE
REGISTER
0402[4]
REF A
REF AA
REF D
REF DD
RESET
EDGE
DETECT
EDGE
DETECT
ARM
EDGE
DETECT
ARM
DIRECT SYNC
DPLL EDGE SYNC
ACTIVE REFERENCE SYNC
EEPROM SYNC
SOURCE
PRIMARY
SYNCHRONIZATION
SIGNAL
DIRECT SYNC
SOURCE
(REGISTER 0A02[1])
AUTOMATIC SYNC
SOURCE
(REGISTER 0403)
TO CLOCK
DISTRIBUTION
SYNCHRONIZATION
CONTROL
STALL
DIVIDERS
SYNC OUTPUT
DISTRIBUTION
TO MULTIFUNCTION
PIN STATUS LOGIC
Figure 48. Output Synchronization Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com