Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 15Page - Analog Devices AD9548/PCBZ Datasheet HTML 16Page - Analog Devices AD9548/PCBZ Datasheet HTML 17Page - Analog Devices AD9548/PCBZ Datasheet HTML 18Page - Analog Devices AD9548/PCBZ Datasheet HTML 19Page - Analog Devices AD9548/PCBZ Datasheet HTML 20Page - Analog Devices AD9548/PCBZ Datasheet HTML 21Page - Analog Devices AD9548/PCBZ Datasheet HTML 22Page - Analog Devices AD9548/PCBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 112 page
background image
AD9548
Rev. 0 | Page 19 of 112
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (PHASE NOISE):
5kHz TO 20MHz: 361fs (–69.0dBc)
20kHz TO 80MHz: 441fs (–67.3dBc) (EXTRAPOLATED)
Figure 7. Additive Phase Noise (Output Driver = LVPECL),
fR = 19.44 MHz, fO = 155.52 MHz,
LBW = 1 kHz, fSYS = 50 MHz, PLL On
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (PHASE NOISE):
5kHz TO 10MHz: 717fs (–65.1dBc)
12kHz TO 20MHz: 725fs (–65.0dBc)
20kHz TO 80MHz: 790fs (–64.3dBc)
Figure 8. Additive Phase Noise (Output Driver = LVPECL),
fR = 1 Hz, fO = 122.88 MHz,
LBW = 0.05 Hz, fSYS = 20 MHz (OCXO), PLL On
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
INTEGRATED RMS JITTER (PHASE NOISE):
5kHz TO 20MHz: 336fs (–69.7dBc)
20kHz TO 80MHz: 425fs (–67.6dBc) (EXTRAPOLATED)
Figure 9. Additive Phase Noise (Output Driver = LVPECL),
fR = 8 kHz, fO = 155.52 MHz,
LBW = 100 Hz, fSYS = 50 MHz (Crystal), PLL On
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
ROHDE & SCHWARZ
SMA100 (1GHz)
ROHDE & SCHWARZ
SMA100 (50MHz)
50MHz CRYSTAL
Figure 10. Additive Phase Noise Comparison of SYSCLK Input Options
(Output Driver = LVPECL),
fR = 19.44 MHz, fO = 311.04 MHz, LBW = 1 kHz
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (PHASE NOISE):
5kHz TO 20MHz: 356fs (–69.2dBc)
20kHz TO 80MHz: 435fs (–67.4dBc) (EXTRAPOLATED)
Figure 11. Additive Phase Noise (Output Driver = LVPECL),
fR = 1 Hz, fO = 155.52 MHz,
LBW = 0.05 Hz, fSYS = 50 MHz, PLL On
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (PHASE NOISE):
5kHz TO 20MHz: 245fs (–72.4dBc)
20kHz TO 80MHz: 300fs (–64.3dBc) (EXTRAPOLATED)
Figure 12. Additive Phase Noise (Output Driver = LVPECL) ,
fR = 19.44 MHz, fO = 155.52 MHz,
LBW = 1 kHz, fSYS = 50 MHz (Crystal), PLL On with
2x Frequency Multiplier, ICP = 375 μA, LF = External (350 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com