Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 11Page - Analog Devices AD9548/PCBZ Datasheet HTML 12Page - Analog Devices AD9548/PCBZ Datasheet HTML 13Page - Analog Devices AD9548/PCBZ Datasheet HTML 14Page - Analog Devices AD9548/PCBZ Datasheet HTML 15Page - Analog Devices AD9548/PCBZ Datasheet HTML 16Page - Analog Devices AD9548/PCBZ Datasheet HTML 17Page - Analog Devices AD9548/PCBZ Datasheet HTML 18Page - Analog Devices AD9548/PCBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 112 page
background image
AD9548
Rev. 0 | Page 15 of 112
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DVDD
SCLK/SCL
SDIO
SDO
DVDD
DVDD3
TCLK
TMS
TDO
TDI
DVDD
RESET
DVDD
DVDD
NC
17
VSS
18
DACOUTP
19
DACOUTN
20
VSS
58
57
56
55
54
53
52
51
50
49
48
47
46
45
59
60
61
62
63
64
65
66
AD9548
TOP VIEW
(Not to Scale)
21
AVDD3
22
AVDD3
NC
AVDD
TDC_VRT
TDC_VRB
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD MUST BE CONNECTED TO GROUND (VSS).
REFB
REFBB
SYSCLK_VREG
AVDD3
AVDD
AVDD
SYSCLKN
SYSCLKP
VSS
VSS
REFA
REFAA
AVDD
AVDD3
AVDD3
SYSCLK_LF
NC
NC
88-LEAD LFCSP
12mm × 12mm
0.5mm PITCH
CS/SDA
Figure 2. 88-Lead LFCSP Pin Configuration
Table 21. Pin Function Descriptions
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
1, 6, 12, 77,
83, 88
DVDD
I
Power
1.8 V Digital Supply.
2
SCLK/SCL
I
3.3 V CMOS
Serial Programming Clock. Data clock for serial programming.
3
SDIO
I/O
3.3 V CMOS
Serial Data Input/Output. When the device is in 4-wire mode, data is written via
this pin. In 3-wire mode, both data reads and writes occur on this pin. There is no
internal pull-up/pull-down resistor on this pin.
4
SDO
O
3.3 V CMOS
Serial Data Output. Use this pin to read data in 4-wire mode (high impedance in
3-wire mode). There is no internal pull-up/pull-down resistor on this pin.
5
CS/SDA
I
3.3 V CMOS
Chip Select (SPI). Active low. When programming a device, this pin must be held
low. In systems where more than one AD9548 is present, this pin enables
individual programming of each AD9548 (in I2C® mode, this is a serial data pin).
This pin has an internal 10 kΩ pull-up resistor but only in SPI mode.
7, 82
DVDD3
I
Power
3.3 V I/O Digital Supply.
8
TCLK
I
JTAG Clock. Internal pull-down resistor; no connection if JTAG is not used.
9
TMS
I
JTAG Mode. Internal pull-up resistor; no connection if JTAG is not used.
10
TDO
O
JTAG Output. No connection if JTAG is not used
11
TDI
I
JTAG Input. Internal pull-up resistor; no connection if JTAG is not used.
13
RESET
I
3.3 V CMOS
Chip Reset. When this active high pin is asserted, the chip goes into reset.
This pin has an internal 50 kΩ pull-down resistor.
14, 15
DVDD
I
Power
1.8 V DAC Decode Digital Supply. Keep isolated from the 1.8 V core digital supply.
16, 45, 46
NC
No Connect.
17, 20, 25,
28, 51, 54
VSS
O
Ground
Analog Ground. Connect to ground.
18
DACOUTP
O
Differential
output
DAC Output. DACOUTP contains an internal 50 Ω pull-down resistor.
19
DACOUTN
O
Differential
output
Complementary DAC Output. DACOUTN contains an internal 50 Ω pull-down
resistor.
21, 22
AVDD3
I
Power
3.3 V Analog (DAC) Power Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com