Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 62 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 58Page - Analog Devices AD9548/PCBZ Datasheet HTML 59Page - Analog Devices AD9548/PCBZ Datasheet HTML 60Page - Analog Devices AD9548/PCBZ Datasheet HTML 61Page - Analog Devices AD9548/PCBZ Datasheet HTML 62Page - Analog Devices AD9548/PCBZ Datasheet HTML 63Page - Analog Devices AD9548/PCBZ Datasheet HTML 64Page - Analog Devices AD9548/PCBZ Datasheet HTML 65Page - Analog Devices AD9548/PCBZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 112 page
background image
AD9548
Rev. 0 | Page 62 of 112
Addr
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
0406
S
Unused
OUT2
CMOS
phase
invert
OUT2
polarity
invert
OUT2
drive
strength
OUT2 mode
03
0407
S
Unused
OUT3
CMOS
phase
invert
OUT3
polarity
invert
OUT3
drive
strength
OUT3 mode
03
0408
S
Distribution
channel
dividers
Q0 [23:0]
00
0409
S
00
040A
S
00
040B
S
Unused
Q0 [29:24]
00
040C
S
Q1 [23:0]
00
040D
S
00
040E
S
00
040F
S
Unused
Q1 [29:24]
00
0410
S
Q2 [23:0]
00
0411
S
00
0412
S
00
0413
S
Unused
Q2 [29:24]
00
0414
S
Q3 [23:0]
00
0415
S
00
0416
S
00
0417
S
Unused
Q3 [29:24]
00
Reference inputs
0500
S
Reference
power-down
Ref DD
power-
down
Ref D
power-
down
Ref CC
power-
down
Ref C
power-
down
Ref BB
power-
down
Ref B
power-
down
Ref AA
power-
down
Ref A
power-
down
00
0501
S
Reference
logic family
Ref BB logic family [1:0]
Ref B logic family [1:0]
Ref AA logic family [1:0]
Ref A logic family [1:0]
00
0502
S
Ref DD logic family [1:0]
Ref D logic family [1:0]
Ref CC Logic Family [1:0]
Ref C Logic Family [1:0]
00
0503
C
Manual
reference
profile
selection
Enable Ref
AA manual
profile
Ref AA manual profile [2:0]
Enable Ref
A manual
profile
Ref A manual profile [2:0]
00
0504
C
Enable Ref
BB Manual
Profile
Ref BB manual profile [2:0]
Enable Ref
B manual
profile
Ref B manual profile [2:0]
00
0505
C
Enable Ref
CC Manual
Profile
Ref CC manual profile [2:0]
Enable Ref
C manual
profile
Ref C manual profile [2:0]
00
0506
C
Enable Ref
DD Manual
Profile
Ref DD manual profile [2:0]
Enable Ref
D manual
profile
Ref D manual profile [2:0]
00
0507
C
Phase build-
out switching
Unused
Phase master threshold priority [2:0]
00
Profile 0
0600
Priorities
Unused
Promoted priority [2:0]
Selection priority [2:0]
00
0601
Reference
period
Nominal period (femtoseconds) [47:0] (up to 1.125 sec)
00
0602
00
0603
00
0604
00
0605
00
0606
00
0607
Unused
Nominal period [49:48]
00
0608
Tolerance
Inner tolerance (1/tolerance) [15:0] (removes fault status; 10% down to 1 ppm)
00
0609
00
060A
Unused
Inner tolerance [19:16]
00
060B
Outer tolerance (1/tolerance) [15:0] (indicates fault status; 10% down to 1 ppm)
00
060C
00
060D
Unused
Outer tolerance [19:16]
00
060E
Validation
Validation timer (milliseconds) [15:0] (up to 65.5 sec)
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com