Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 16Page - Analog Devices AD9548/PCBZ Datasheet HTML 17Page - Analog Devices AD9548/PCBZ Datasheet HTML 18Page - Analog Devices AD9548/PCBZ Datasheet HTML 19Page - Analog Devices AD9548/PCBZ Datasheet HTML 20Page - Analog Devices AD9548/PCBZ Datasheet HTML 21Page - Analog Devices AD9548/PCBZ Datasheet HTML 22Page - Analog Devices AD9548/PCBZ Datasheet HTML 23Page - Analog Devices AD9548/PCBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 112 page
background image
AD9548
Rev. 0 | Page 20 of 112
ROHDE & SCHWARZ
SMA100 (1GHz)
ROHDE & SCHWARZ
SMA100 (50MHz)
20MHz OCXO
–170
–160
–150
–140
–130
–120
–110
–100
–90
100
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 13. Phase Noise of SYSCLK Input Sources
LVDS
0
0.2
0.4
0.6
0.8
1.0
0
100
200
300
400
500
600
700
FREQUENCY (MHz)
LVPECL
Figure 14. Amplitude vs. Toggle Rate,
LVPECL and LVDS
10pF LOAD
20pF LOAD
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100
200
300
400
500
FREQUENCY (MHz)
Figure 15. Amplitude vs. Toggle Rate,
3.3 V CMOS (Strong Mode)
–70
–60
–50
–40
–30
–20
–10
0
10
10
100
1k
10k
100k
FREQUENCY OFFSET (Hz)
CLOSED-LOOP PEAKING: 0.04dB
Figure 16. Jitter Transfer Bandwidth, Output Driver = LVPECL,
fR = 19.44 MHz, fO = 155.52 MHz,
LBW = 100 Hz (Phase Margin = 88°), fSYS = 1 GHz, PLL Off
FREQUENCY (MHz)
0.5
1.0
1.5
2.0
0
50
100
150
250
200
5pF LOAD
10pF LOAD
20pF LOAD
Figure 17. Amplitude vs. Toggle Rate,
1.8 V CMOS
10pF LOAD
5pF LOAD
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1020304050
FREQUENCY (MHz)
Figure 18. Amplitude vs. Toggle Rate,
3.3 V CMOS (Weak Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com