Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 100 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 100 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 96Page - Analog Devices AD9548/PCBZ Datasheet HTML 97Page - Analog Devices AD9548/PCBZ Datasheet HTML 98Page - Analog Devices AD9548/PCBZ Datasheet HTML 99Page - Analog Devices AD9548/PCBZ Datasheet HTML 100Page - Analog Devices AD9548/PCBZ Datasheet HTML 101Page - Analog Devices AD9548/PCBZ Datasheet HTML 102Page - Analog Devices AD9548/PCBZ Datasheet HTML 103Page - Analog Devices AD9548/PCBZ Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 112 page
background image
AD9548
Rev. 0 | Page 100 of 112
Table 138. Input Reference Status
Address
Bits
Bit Name
Description
0D0C
[7]
Profile selected
The control logic sets this bit when it assigns Ref A to one of the eight profiles.
[6:4]
Selected profile
The index (0 to 7) of the profile assigned to Ref A.
Note that these bits are meaningless unless Bit 7 = 1.
[3]
Valid
Ref A is valid for use (it is unfaulted and its validation timer has expired).
[2]
Fault
Ref A is not valid for use.
[1]
Fast
If Bit 7 = 1, then this bit indicates that the frequency of Ref A is higher than allowed by
its profile settings.
If Bit 7 = 0, then this bit indicates that the frequency of Ref A is above the maximum
input reference frequency supported by the device.
[0]
Slow
If Bit 7 = 1, then this bit indicates that the frequency of Ref A is lower than allowed by its
profile settings.
If Bit 7 = 0, then this bit indicates that the frequency of Ref A is below the minimum
input reference frequency supported by the device.
0D0D
[7:0]
Same as 0D0C but for REF AA instead of REF A.
0D0E
[7:0]
Same as 0D0C but for REF B instead of REF A.
0D0F
[7:0]
Same as 0D0C but for REF BB instead of REF A.
0D10
[7:0]
Same as 0D0C but for REF C instead of REF A.
0D11
[7:0]
Same as 0D0C but for REF CC instead of REF A.
0D12
[7:0]
Same as 0D0C but for REF D instead of REF A.
0D13
[7:0]
Same as 0D0C but for REF DD instead of REF A.
Table 139. Holdover History1
Address
Bits
Bit Name
Description
0D14
[7:0]
Holdover history
Tuning word readback, Bits[7:0]
0D15
[7:0]
Tuning word readback, Bits[15:8]
0D16
[7:0]
Tuning word readack, Bits[23:9]
0D17
[7:0]
Tuning word readback, Bits[31:24]
0D18
[7:0]
Tuning word readback, Bits[39:32]
0D19
[7:0]
Tuning word readback, Bits[47:40]
1 These registers contain the current 48-bit DDS frequency tuning word generated by the tuning word history logic.
NONVOLATILE MEMORY (EEPROM) CONTROL (REGISTER 0E00 TO REGISTER 0E03)
Table 140. EEPROM Control
Address
Bits
Bit Name
Description
0E00
[7:2]
Unused
[1]
Half rate mode
EEPROM serial communication rate.
0 (default) = 400 kHz (normal).
1 = 200 kHz.
[0]
Write enable
EEPROM write enable/protect.
0 (default) = EEPROM write protected.
1 = EEPROM write enabled.
0E01
[7:5]
Unused
[4:0]
Condition value
When set to a nonzero value (default = 0), these bits establish the condition for EEPROM
downloads.
0E02
[7:1]
Unused
0
Save to EEPROM
Upload data to the EEPROM based on the EEPROM storage sequence. This is an
autoclearing bit.
0E03
[7:2]
Unused
[1]
Load from EEPROM
Download data from the EEPROM. This is an autoclearing bit.
[0]
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com