Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 88 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 88 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 84Page - Analog Devices AD9548/PCBZ Datasheet HTML 85Page - Analog Devices AD9548/PCBZ Datasheet HTML 86Page - Analog Devices AD9548/PCBZ Datasheet HTML 87Page - Analog Devices AD9548/PCBZ Datasheet HTML 88Page - Analog Devices AD9548/PCBZ Datasheet HTML 89Page - Analog Devices AD9548/PCBZ Datasheet HTML 90Page - Analog Devices AD9548/PCBZ Datasheet HTML 91Page - Analog Devices AD9548/PCBZ Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 112 page
background image
AD9548
Rev. 0 | Page 88 of 112
Table 99. Reference Period—Profile 2
Address
Bits
Bit Name
Description
0681
[7:0]
Reference period (in
femtoseconds)
Nominal reference period, Bits[7:0]
0682
[7:0]
Nominal reference period, Bits[15:8]
0683
[7:0]
Nominal reference period, Bits[23:16]
0684
[7:0]
Nominal reference period, Bits[31:24]
0685
[7:0]
Nominal reference period, Bits[39:32]
0686
[7:0]
Nominal reference period, Bits[47:40]
0687
[7:2]
Unused
[1:0]
Reference period
Nominal reference period, Bits[49:48]
Table 100. Tolerance—Profile 2
Address
Bits
Bit Name
Description
0688
[7:0]
Inner tolerance
Inner tolerance, Bits[7:0]
0689
[7:0]
Inner tolerance, Bits[15:8]
068A
[7:4]
Unused
[3:0]
Inner tolerance
Inner tolerance, Bits[19:16]
068B
[7:0]
Outer tolerance
Outer tolerance, Bits[7:0]
068C
[7:0]
Outer tolerance, Bits[15:8]
068D
[7:4]
Unused
[3:0]
Outer tolerance
Outer tolerance, Bits[19:16]
Table 101. Validation Timer—Profile 2
Address
Bits
Bit Name
Description
068E
[7:0]
Validation timer
(in milliseconds)
Validation timer, Bits[7:0]
068F
[7:0]
Validation timer, Bits[15:8]
Table 102. Redetect Timer—Profile 2
Address
Bits
Bit Name
Description
0690
[7:0]
Redetect timer
(in milliseconds)
Redetect timer, Bits[7:0]
0691
[7:0]
Redetect timer, Bits[15:8]
Table 103. Digital Loop Filter Coefficients—Profile 21
Address
Bits
Bit Name
Description
0692
[7:0]
Alpha-0 linear
Alpha-0 coefficient linear, Bits[7:0]
0693
[7:0]
Alpha-0 coefficient linear, Bits[15:8]
0694
[7:6]
Alpha-2 exponent
Alpha-2 coefficient exponent, Bits[1:0]
[5:0]
Alpha-1 exponent
Alpha-1 coefficient exponent, Bits[5:0]
0695
[7:1]
Beta-0 linear
Beta-0 coefficient linear, Bits[6:0]
[0]
Alpha-2 exponent
Alpha-2 coefficient exponent, Bit 2
0696
[7:0]
Beta 0-linear
Beta-0 coefficient linear, Bits[14:7]
0697
[7]
Unused
[6:2]
Beta-1 exponent
Beta-1 coefficient exponent, Bits[4:0]
[1:0]
Beta-0 linear
Beta-0 coefficient linear, Bits[16:15]
0698
[7:0]
Gamma-0 linear
Gamma-0 coefficient linear, Bits[7:0]
0699
[7:0]
Gamma-0 coefficient linear, Bits[15:8]
069A
[7:6]
Unused
[5:1]
Gamma-1 exponent
Gamma-1 coefficient exponent, Bits[4:0]
[0]
Gamma-0 linear
Gamma-0 coefficient linear, Bit 6
069B
[7:0]
Delta -0 linear
Delta-0 coefficient linear, Bits[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com