Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 17Page - Analog Devices AD9548/PCBZ Datasheet HTML 18Page - Analog Devices AD9548/PCBZ Datasheet HTML 19Page - Analog Devices AD9548/PCBZ Datasheet HTML 20Page - Analog Devices AD9548/PCBZ Datasheet HTML 21Page - Analog Devices AD9548/PCBZ Datasheet HTML 22Page - Analog Devices AD9548/PCBZ Datasheet HTML 23Page - Analog Devices AD9548/PCBZ Datasheet HTML 24Page - Analog Devices AD9548/PCBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
AD9548
Rev. 0 | Page 21 of 112
LVDS
LVPECL
50
60
70
80
120
110
100
90
130
140
0
100
200
300
400
500
FREQUENCY (MHz)
Figure 19. Power Consumption vs. Frequency,
LVPECL and LVDS
(Single Channel)
20
40
60
80
100
120
140
160
0
50
100
150
200
250
300
350
FREQUENCY (MHz)
10pF LOAD
5pF LOAD
20pF LOAD
Figure 20. Power Consumption vs. Frequency,
3.3 V CMOS (Strong Mode)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
012345
TIME (ns)
Figure 21. Output Waveform,
LVPECL (400 MHz)
FREQUENCY (MHz)
15
20
25
30
35
40
0
50
100
150
200
10pF LOAD
5pF LOAD
20pF LOAD
Figure 22. Power Consumption vs. Frequency,
1.8 V CMOS
20pF LOAD
5pF LOAD
20
22
24
26
28
30
32
34
10
15
20
25
30
35
40
FREQUENCY (MHz)
10pF LOAD
Figure 23. Power Consumption vs. Frequency,
3.3 V CMOS (Weak Mode)
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
01
2345
TIME (ns)
Figure 24. Output Waveform,
LVDS (400 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com