Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 13Page - Analog Devices AD9548/PCBZ Datasheet HTML 14Page - Analog Devices AD9548/PCBZ Datasheet HTML 15Page - Analog Devices AD9548/PCBZ Datasheet HTML 16Page - Analog Devices AD9548/PCBZ Datasheet HTML 17Page - Analog Devices AD9548/PCBZ Datasheet HTML 18Page - Analog Devices AD9548/PCBZ Datasheet HTML 19Page - Analog Devices AD9548/PCBZ Datasheet HTML 20Page - Analog Devices AD9548/PCBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 112 page
background image
AD9548
Rev. 0 | Page 17 of 112
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
53
SYSCLKP
I
Differential
input
System Clock Input. SYSCLKP contains internal dc biasing and should be ac-
coupled with a 0.01 μF capacitor, except when using a crystal, in which case
connect the crystal across SYSCLKP and SYSCLKN. Single-ended 1.8 V CMOS is
also an option but can introduce a spur if the duty cycle is not 50%. When using
SYSCLKP as a single-ended input, connect a 0.01 μF capacitor from SYSCLKN to
ground.
56, 75
NC
I
No Connection. These pins should be left floating.
59
AVDD
I
Power
1.8 V Analog Power Supply.
57, 58
TDC_VRB,
TDC_VRT
I
Use capacitive decoupling on these pins (see Figure 38).
60, 66, 67,
73
AVDD3
I
Power
3.3 V Analog (Reference Input) Power Supply.
61
REFA
I
Differential
input
Reference A Input. This internally biased input is typically ac-coupled and, when
configured as such, can accept any differential signal with single-ended swing up
to 3.3 V. If dc-coupled, input can be LVPECL, CMOS, or LVDS.
62
REFAA
I
Differential
input
Complementary Reference A Input. Complementary signal to the input provided
on Pin 61. The user can configure this pin as a separate single-ended input.
63, 70, 74
AVDD
I
Power
1.8 V Analog (Reference Input) Power Supply.
64
REFB
I
Differential
input
Reference B Input. This internally biased input is typically ac-coupled and, when
configured as such, can accept any differential signal with single-ended swing up
to 3.3 V. If dc-coupled, input can be LVPECL, CMOS, or LVDS.
65
REFBB
I
Differential
input
Complementary Reference B Input. Complementary signal to the input provided
on Pin 64. The user can configure this pin as a separate single-ended input.
68
REFC
I
Differential
input
Reference C Input. This internally biased input is typically ac-coupled and, when
configured as such, can accept any differential signal with single-ended swing up
to 3.3 V. If dc-coupled, input can be LVPECL, CMOS, or LVDS.
69
REFCC
I
Differential
input
Complementary Reference C Input. Complementary signal to the input provided
on Pin 68. The user can configure this pin as a separate single-ended input.
71
REFD
I
Differential
input
Reference D Input. This internally biased input is typically ac-coupled and, when
configured as such, can accept any differential signal with single-ended swing up
to 3.3 V. If dc-coupled, input can be LVPECL, CMOS, or LVDS.
72
REFDD
I
Differential
input
Complementary Reference D Input. Complementary signal to the input provided
on Pin 71. The user can configure this pin as a separate single-ended input.
76
IRQ
O
Logic
Interrupt Request Line.
78, 79, 80,
81, 84, 85,
86, 87
M0, M1, M2,
M3, M4, M5,
M6, M7
I/O
3.3 V CMOS
Configurable I/O Pins. These pins are configured under program control.
EP
VSS
O
Exposed
pad
The exposed pad must be connected to ground (VSS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com