Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 92 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 92 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 88Page - Analog Devices AD9548/PCBZ Datasheet HTML 89Page - Analog Devices AD9548/PCBZ Datasheet HTML 90Page - Analog Devices AD9548/PCBZ Datasheet HTML 91Page - Analog Devices AD9548/PCBZ Datasheet HTML 92Page - Analog Devices AD9548/PCBZ Datasheet HTML 93Page - Analog Devices AD9548/PCBZ Datasheet HTML 94Page - Analog Devices AD9548/PCBZ Datasheet HTML 95Page - Analog Devices AD9548/PCBZ Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 112 page
background image
AD9548
Rev. 0 | Page 92 of 112
Table 117. Lock Detectors—Profile 3
Address
Bits
Bit Name
Description
06DB
[7:0]
Phase lock threshold
(in picoseconds)
Phase lock threshold, Bits[7:0]
06DC
[7:0]
Phase lock threshold, Bits[15:8]
06DD
[7:0]
Phase lock fill rate
Phase lock fill rate, Bits[7:0]
06DE
[7:0]
Phase lock drain rate
Phase lock drain rate, Bits[7:0]
06DF
[7:0]
Frequency lock thresh-
old (in picoseconds)
Frequency lock threshold, Bits[7:0]
06E0
[7:0]
Frequency lock threshold, Bits[15:8]
06E1
[7:0]
Frequency lock threshold, Bits[23:16]
06E2
[7:0]
Frequency lock fill rate
Frequency lock fill rate, Bits[7:0]
06E3
[7:0]
Frequency lock drain
rate
Frequency lock drain rate, Bits[7:0]
06E4 to 06FF
[7:0]
Unused
Register 0700 to Register 07FF—Profile 4 to Profile 7
Profile 4 (Register 0700 to Register 0731) is identical to Profile 0 (Register 0600 to Register0631).
Profile 5 (Register 0732 to Register 077F) is identical to Profile 1 (Register 0632 to Register 067F).
Profile 6 (Register 0780 to Register 07B1) is identical to Profile 2 (Register 0680 to Register 06B1).
Profile 7 (Register 07B2 to Register 07FF) is identical to Profile 3 (Register 06B2 to Register 06FF).
OPERATIONAL CONTROLS (REGISTER 0A00 TO REGISTER 0A10)
Table 118. General Power-Down
Address
Bits
Bit Name
Description
0A00
[7]
Reset sans reg map
Reset internal hardware but retain programmed register values.
0 (default) = normal operation.
1 = reset.
[6]
Unused
[5]
SYSCLK power-down
Place SYSCLK input and PLL in deep sleep mode.
0 (default) = normal operation.
1 = power-down.
[4]
Reference power-
down
Place reference clock inputs in deep sleep mode.
0 (default) = normal operation.
1 = power-down.
[3]
TDC power-down
Place the time-to-digital converter in deep sleep mode.
0 (default) = normal operation.
1 = power-down.
[2]
DAC power-down
Place the DAC in deep sleep mode.
0 (default) = normal operation.
1 = power-down.
[1]
Dist power-down
Place the clock distribution outputs in deep sleep mode.
0 (default) = normal operation.
1 = power-down.
[0]
Full power-down
Place the entire device in deep sleep mode.
0 (default) = normal operation.
1 = power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com