Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 14Page - Analog Devices AD9548/PCBZ Datasheet HTML 15Page - Analog Devices AD9548/PCBZ Datasheet HTML 16Page - Analog Devices AD9548/PCBZ Datasheet HTML 17Page - Analog Devices AD9548/PCBZ Datasheet HTML 18Page - Analog Devices AD9548/PCBZ Datasheet HTML 19Page - Analog Devices AD9548/PCBZ Datasheet HTML 20Page - Analog Devices AD9548/PCBZ Datasheet HTML 21Page - Analog Devices AD9548/PCBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 112 page
background image
AD9548
Rev. 0 | Page 18 of 112
TYPICAL PERFORMANCE CHARACTERISTICS
fR = input reference clock frequency; fO = clock frequency; fSYS = SYSCLK input frequency; fS = internal system clock frequency; LBW =
DPLL loop bandwidth; PLL off = SYSCLK PLL bypassed; PLL on = SYSCLK PLL enabled; ICP = SYSCLK PLL charge pump current; LF =
SYSCLK PLL loop filter. AVDD, AVDD3, and DVDD at nominal supply voltage, fS = 1 GHz, ICP = automatic mode, LF = internal, unless
otherwise noted.
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (PHASE NOISE):
5kHz TO 20MHz: 173fs (–75.4dBc)
20kHz TO 80MHz: 315fs (–70.2dBc) (EXTRAPOLATED)
Figure 3. Additive Phase Noise (Output Driver = LVPECL),
fR = 19.44 MHz, fO = 155.52 MHz,
LBW = 1 kHz, fSYS = 1 GHz, PLL Off
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (PHASE NOISE):
5kHz TO 20MHz: 333fs (–69.8dBc)
20kHz TO 80MHz: 430fs (–67.6dBc) (EXTRAPOLATED)
Figure 4. Additive Phase Noise (Output Driver = LVPECL),
fR = 19.44 MHz, fO = 155.52 MHz,
LBW = 1 kHz, fSYS = 50 MHz (Crystal), PLL On
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (PHASE NOISE):
5kHz TO 20MHz: 103fs (–74.0dBc)
20kHz TO 80MHz: 160fs (–70.1dBc)
Figure 5. Additive Phase Noise (Output Driver = LVPECL),
fR = 19.44 MHz, fO = 311.04 MHz,
LBW = 1 kHz, fSYS = 1 GHz, PLL Off
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (PHASE NOISE):
5kHz TO 20MHz: 310fs (–64.4dBc)
20kHz TO 80MHz: 330fs (–63.9dBc)
Figure 6. Additive Phase Noise (Output Driver = LVPECL),
fR = 19.44 MHz, fO = 311.04 MHz,
LBW = 1 kHz, fSYS = 50 MHz (Crystal), PLL On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com