Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 43Page - Analog Devices AD9548/PCBZ Datasheet HTML 44Page - Analog Devices AD9548/PCBZ Datasheet HTML 45Page - Analog Devices AD9548/PCBZ Datasheet HTML 46Page - Analog Devices AD9548/PCBZ Datasheet HTML 47Page - Analog Devices AD9548/PCBZ Datasheet HTML 48Page - Analog Devices AD9548/PCBZ Datasheet HTML 49Page - Analog Devices AD9548/PCBZ Datasheet HTML 50Page - Analog Devices AD9548/PCBZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 112 page
background image
AD9548
Rev. 0 | Page 47 of 112
Table 26. EEPROM Controller Instruction Set
Instruction
Value (Hex)
Instruction Type
Bytes
Required
Description
00 to 7F
Data
3
A data instruction tells the controller to transfer data to or from the device settings
part of the register map. A data instruction requires two additional bytes that
together indicate a starting address in the register map. Encoded in the data
instruction is the number of bytes to transfer, which is one more than the
instruction value.
80
I/O update
1
When the controller encounters this instruction while downloading from the
EEPROM, it issues a soft I/O update (see Register 0005 in Table 41).
A0
Calibrate
1
When the controller encounters this instruction while downloading from the
EEPROM, it initiates a system clock calibration sequence (see Register 0A02 in Table
120).
A1
Distribution sync
1
When the controller encounters this instruction while downloading from the
EEPROM, it issues a sync pulse to the output distribution synchronization (see
Register 0A02 in Table 120).
B0 to CF
Condition
1
B1 to CF are condition instructions and correspond to Condition 1 through
Condition 31, respectively. B0 is the null condition instruction. See the EEPROM
Conditional Processing section for details.
FE
Pause
1
When the controller encounters this instruction in the scratch pad while uploading
to the EEPROM, it resets the scratch pad address pointer and holds the EEPROM
address pointer at its last value. This allows storage of more than one instruction
sequence in the EEPROM. Note that the controller does not copy this instruction to
the EEPROM during upload.
FF
End
1
When the controller encounters this instruction in the scratch pad while uploading
to the EEPROM, it resets both the scratch pad address pointer and the EEPROM
address pointer and then enters an idle state.
When the controller encounters this instruction while downloading from the
EEPROM, it resets the EEPROM address pointer and then enters an idle state.
EEPROM Instructions
Table 26 lists the EEPROM controller instruction set. The
controller recognizes all instruction types whether it is in
upload or download mode, except for the pause instruction,
which it only recognizes in upload mode.
The I/O update, calibrate, distribution sync, and end instruct-
tions are mostly self-explanatory. The others, however, warrant
further detail, as described in the following paragraphs.
Data instructions are those that have a value from 00 to 7F. A
data instruction tells the controller to transfer data between
the EEPROM and the register map. The controller needs the
following two parameters to carry out the data transfer:
•
The number of bytes to transfer
•
The register map target address
The controller decodes the number of bytes to transfer directly
from the data instruction itself by adding one to the value of the
instruction. For example, the data instruction, 1A, has a decimal
value of 26; therefore, the controller knows to transfer 27 bytes
(one more than the value of the instruction). Whenever the
controller encounters a data instruction, it knows to read the
next two bytes in the scratch pad because these contain the
register map target address.
Note that, in the EEPROM scratch pad, the two registers that
comprise the address portion of a data instruction have the
MSB of the address in the D7 position of the lower register
address. The bit weight increases left to right, from the lower
register address to the higher register address. Furthermore, the
starting address always indicates the lowest numbered register
map address in the range of bytes to transfer. That is, the
controller always starts at the register map target address and
counts upward regardless of whether the serial I/O port is
operating in I2C, SPI LSB-first, or SPI MSB-first mode.
As part of the data transfer process during an EEPROM upload,
the controller calculates a 1-byte checksum and stores it as the
final byte of the data transfer. As part of the data transfer process
during an EEPROM download, however, the controller again
calculates a 1-byte checksum value but compares the newly
calculated checksum with the one that was stored during the
upload process. If an upload/download checksum pair does not
match, the controller sets the EEPROM fault status bit. If the
upload/download checksums match for all data instructions
encountered during a download sequence, the controller sets
the EEPROM complete status bit.
Condition instructions are those that have a value from B0 to
CF. Condition instructions B1 to CF represent Condition 1 to
Condition 31, respectively. The B0 condition instruction is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com