Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 69 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 65Page - Analog Devices AD9548/PCBZ Datasheet HTML 66Page - Analog Devices AD9548/PCBZ Datasheet HTML 67Page - Analog Devices AD9548/PCBZ Datasheet HTML 68Page - Analog Devices AD9548/PCBZ Datasheet HTML 69Page - Analog Devices AD9548/PCBZ Datasheet HTML 70Page - Analog Devices AD9548/PCBZ Datasheet HTML 71Page - Analog Devices AD9548/PCBZ Datasheet HTML 72Page - Analog Devices AD9548/PCBZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 112 page
background image
AD9548
Rev. 0 | Page 69 of 112
Addr
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
0E25
E
Profile 2 and
Profile 3
Data: 100 bytes
63
0E26
E
Address: 0x0680
06
0E27
E
80
0E28
E
Profile 4 and
Profile 5
Data: 100 bytes
63
0E29
E
Address: 0x0700
07
0E2A
E
00
0E2B
E
Profile 6 and
Profile 7
Data: 100 bytes
63
0E2C
E
Address: 0x0780
07
0E2D
E
80
0E2E
E
I/O update
Action: IO_Update
80
0E2F
E
Operational
controls
Data: 17 bytes
10
0E30
E
Address: 0x0A00
0A
0E31
E
00
0E32
E
I/O update
Action: IO_Update
80
0E33
E
End of data
Action: end of data
FF
0E34
to
0E3F
E
Continuation of scratch pad area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com