Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 5Page - Analog Devices AD9548/PCBZ Datasheet HTML 6Page - Analog Devices AD9548/PCBZ Datasheet HTML 7Page - Analog Devices AD9548/PCBZ Datasheet HTML 8Page - Analog Devices AD9548/PCBZ Datasheet HTML 9Page - Analog Devices AD9548/PCBZ Datasheet HTML 10Page - Analog Devices AD9548/PCBZ Datasheet HTML 11Page - Analog Devices AD9548/PCBZ Datasheet HTML 12Page - Analog Devices AD9548/PCBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
AD9548
Rev. 0 | Page 9 of 112
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Rise/Fall Time1 (20% to 80%)
10 pF load
3.3 V Supply
Strong Drive Strength Setting
0.5
2
ns
Weak Drive Strength Setting
8
14.5
ns
1.8 V Supply
1.5
2.5
ns
Duty Cycle
40
60
%
10 pF load
Output Voltage High (VOH)
Output driver static; strong drive strength
setting
AVDD3 = 3.3 V, IOH = 10 mA
2.6
V
AVDD3 = 3.3 V, IOH = 1 mA
2.9
V
AVDD3 = 1.8 V, IOH = 1 mA
1.5
V
Output Voltage Low (VOL)
Output driver static; strong drive strength
setting
AVDD3 = 3.3 V, IOL = 10 mA
0.3
V
AVDD3 = 3.3 V, IOL = 1 mA
0.1
V
AVDD3 = 1.8 V, IOL = 1 mA
0.1
V
OUTPUT TIMING SKEW
10 pF load
Between LVPECL Outputs
14
125
ps
Rising edge only; any divide value
Between LVDS Outputs
13
138
ps
Rising edge only; any divide value
Between CMOS 3.3 V Outputs
Strong Drive Strength Setting
23
240
ps
Weak Drive Strength Setting
24
ps
Between CMOS 1.8 V Outputs
40
ps
Weak drive not supported at 1.8 V
Between LVPECL Outputs and LVDS
Outputs
14
140
ps
Between LVPECL Outputs and CMOS
Outputs
19
ps
ZERO-DELAY TIMING SKEW
±5
ns
Output relative to active input reference;
output distribution synchronization to
active reference feature enabled; assumes
manual phase offset compensation of
deterministic latency
1 The listed values are for the slower edge (rise or fall).
DAC OUTPUT CHARACTERISTICS (DACOUTP/DACOUTN)
Table 12.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DAC OUTPUT CHARACTERISTICS
(DACOUTP/DACOUTN)
Frequency Range
62.5
450
MHz
Output Offset Voltage
15
mV
This is the single-ended voltage at
either DAC output pin (no external
load) when the internal DAC code
implies that no current is delivered
to that pin.
Voltage Compliance Range
VSS − 0.5
0.5
VSS + 0.5
V
Output Resistance
50
Ω
Single-ended, each pin has an
internal 50 Ω termination to VSS.
Output Capacitance
5
pF
Full-Scale Output Current
20
mA
Programmable (8 mA to 31 mA; see
the DAC Output section).
Gain Error
−12
+12
% FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com