Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 75 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 75 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 71Page - Analog Devices AD9548/PCBZ Datasheet HTML 72Page - Analog Devices AD9548/PCBZ Datasheet HTML 73Page - Analog Devices AD9548/PCBZ Datasheet HTML 74Page - Analog Devices AD9548/PCBZ Datasheet HTML 75Page - Analog Devices AD9548/PCBZ Datasheet HTML 76Page - Analog Devices AD9548/PCBZ Datasheet HTML 77Page - Analog Devices AD9548/PCBZ Datasheet HTML 78Page - Analog Devices AD9548/PCBZ Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 112 page
background image
AD9548
Rev. 0 | Page 75 of 112
DPLL CONFIGURATION (REGISTER 0300 TO REGISTER 031B)
Table 56. Free Running Frequency Tuning Word1
Address
Bits
Bit Name
Description
0300
[7:0]
Frequency
(expressed as a 48-bit
frequency tuning
word)
Free running frequency tuning word, Bits[7:0]
0301
[7:0]
Free running frequency tuning word, Bits[15:8]
0302
[7:0]
Free running frequency tuning word, Bits[23:9]
0303
[7:0]
Free running frequency tuning word, Bits[31:24]
0304
[7:0]
Free running frequency tuning word, Bits[39:32]
0305
[7:0]
Free running frequency tuning word, Bits[47:40]
1 The default free running tuning word is 0x000000 = 0, which equates to 0 Hz.
Table 57. Update TW
Address
Bits
Bit Name
Description
0306
[7:1]
Unused
[0]
Update TW
A Logic 1 written to this bit transfers the free running frequency tuning word (Register
0300 to Register 0305) to the register imbedded in the tuning word processing logic.
Note that it is not necessary to write the update TW bit when the device is in free-run
mode. This is an autoclearing bit.
Table 58. Pull-In Range Lower Limit1
Address
Bits
Bit Name
Description
0307
[7:0]
Pull-in range lower
limit (expressed as a
24-bit frequency
tuning word)
Lower limit pull-in range, Bits[7:0]
0308
[7:0]
Lower limit pull-in range, Bits[15:8]
0309
[7:0]
Lower limit pull-in range, Bits[23:9]
030A
[7:0]
Pull-in range upper
limit (expressed as a
24-bit frequency
tuning word)
Upper limit pull-in range, Bits[7:0]
030B
[7:0]
Upper limit pull-in range, Bits[15:8]
030C
[7:0]
Upper limit pull-in range, Bits[23:9]
1 The default pull-in range lower limit is 0 and the upper range limit is 0xFFFFFF, which effectively spans the full output frequency range of the DDS.
Table 59. DDS Phase Offset1
Address
Bits
Bit Name
Description
030D
[7:0]
Open-loop phase
offset (expressed in
π/215 radians)
DDS phase offset, Bits[7:0]
030E
[7:0]
DDS phase offset, Bits[15:8]
1 The default DDS phase offset is 0.
Table 60. Fixed Closed-Loop Phase Lock Offset1
Address
Bits
Bit Name
Description
030F
[7:0]
Fixed phase lock offset
(expressed in pico-
seconds)
Fixed phase lock offset, Bits[7:0]
0310
[7:0]
Fixed phase lock offset, Bits[15:8]
0311
[7:0]
Fixed phase lock offset, Bits[23:16]
0312
[7:0]
Fixed phase lock offset, Bits[31:24]
0313
[7:0]
Fixed phase lock offset, Bits[39:32]
1 The default fixed closed loop phase lock offset is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com