Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 61 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 57Page - Analog Devices AD9548/PCBZ Datasheet HTML 58Page - Analog Devices AD9548/PCBZ Datasheet HTML 59Page - Analog Devices AD9548/PCBZ Datasheet HTML 60Page - Analog Devices AD9548/PCBZ Datasheet HTML 61Page - Analog Devices AD9548/PCBZ Datasheet HTML 62Page - Analog Devices AD9548/PCBZ Datasheet HTML 63Page - Analog Devices AD9548/PCBZ Datasheet HTML 64Page - Analog Devices AD9548/PCBZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 112 page
background image
AD9548
Rev. 0 | Page 61 of 112
Addr
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
0210
C
Ref DD
new profile
Ref DD
validated
Ref DD
fault
cleared
Ref DD
fault
Ref D
new
profile
Ref D
validated
Ref D
fault
cleared
Ref D
fault
00
0211
C
Watchdog
timer
Watchdog timer (ms) [15:0] [up to 65.5 sec]
00
0212
C
00
0213
S
DAC current
DAC full-scale current [7:0]
FF
0214
S
DAC
shutdown
Unused
DAC full-scale current
[9:8]
01
DPLL
0300
C
Free running
frequency
tuning word
Free running frequency tuning word [47:0]
00
0301
C
00
0302
C
00
0303
C
00
0304
C
00
0305
C
00
0306
A, C
Update TW
Unused
Update TW
00
0307
C
Pull-in
range limits
Pull-in range lower limit [23:0]
00
0308
C
00
0309
C
00
030A
C
Pull-in range upper limit [23:0]
FF
030B
C
FF
030C
C
FF
030D
C
Open loop
phase offset
DDS phase offset word [15:0]
00
030E
C
00
030F
C
Closed loop
phase offset
Fixed phase lock offset [39:0] (picoseconds; signed)
00
0310
C
00
0311
C
00
0312
C
00
0313
C
00
0314
C
Incremental phase lock offset step size [15:0]
(picoseconds)
E8
0315
C
03
0316
C
Phase slew
limit
Phase slew rate limit [15:0] (ns/sec)
00
0317
C
00
0318
C
History
accumulation
timer
History accumulation timer [23:0] (milliseconds)
30
0319
C
75
031A
C
00
031B
C
History
mode
Unused
Single
sample
fallback
Persistent
history
Incremental average [2:0]
00
Clock distribution output
0400
S
Distribution
settings
Unused
External
distribution
resistor
Receiver
mode
OUT3
power-
down
OUT2
power-
down
OUT1
power-
down
OUT0
power-
down
00
0401
S
Distribution
enable
Unused
OUT3
enable
OUT2
enable
OUT1
enable
OUT0
enable
00
0402
S
Distribution
synchroniza-
tion
Unused
Sync source [1:0]
OUT3
sync mask
OUT2
sync mask
OUT1
sync mask
OUT0
sync mask
00
0403
C
Automatic
synchroniza-
tion
Unused
Automatic sync mode
[1:0]
00
0404
S
Distribution
channel
modes
Unused
OUT0
CMOS
phase
invert
OUT0
polarity
invert
OUT0
drive
strength
OUT0 mode
03
0405
S
Unused
OUT1
CMOS
phase
invert
OUT1
polarity
invert
OUT1
drive
strength
OUT1 mode
03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com