Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 70 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 70 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 66Page - Analog Devices AD9548/PCBZ Datasheet HTML 67Page - Analog Devices AD9548/PCBZ Datasheet HTML 68Page - Analog Devices AD9548/PCBZ Datasheet HTML 69Page - Analog Devices AD9548/PCBZ Datasheet HTML 70Page - Analog Devices AD9548/PCBZ Datasheet HTML 71Page - Analog Devices AD9548/PCBZ Datasheet HTML 72Page - Analog Devices AD9548/PCBZ Datasheet HTML 73Page - Analog Devices AD9548/PCBZ Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 112 page
background image
AD9548
Rev. 0 | Page 70 of 112
REGISTER MAP BIT DESCRIPTIONS
SERIAL PORT CONFIGURATION (REGISTER 0000 TO REGISTER 0005)
Table 36. Serial Configuration
Address
Bits
Bit Name
Description
0000
[7]
Unidirectional
Select SPI port SDO pin operating mode.
0 (default) = 3-wire.
1 = 4-wire (SDO pin enabled).
[6]
LSB first
Bit order for SPI port.
0 (default) = most significant bit and byte first.
1 = least significant bit and byte first.
[5]
Soft reset
Device reset (invokes an EEPROM download if M[7:3] ≠ 0).
0 (default) = normal operation.
1 = reset.
[4]
Long instruction
16-bit mode (the only mode supported by the device). This bit is read only and reads back as Logic 1.
[0]
Unused
Table 37. Reserved Register
Address
Bits
Bit Name
Description
0001
[7:0]
Unused
Table 38. Silicon Revision Level (Read-Only)
Address
Bits
Bit Name
Description
0002
[7:0]
Reserved
Default = 0x01 = 0b00000001
Table 39. Device ID (Read Only)
Address
Bits
Bit Name
Description
0003
[7:0]
Reserved
Default = 0x48 = 0b01001000
Table 40. Register Readback Control
Address
Bits
Bit Name
Description
0004
[7:1]
Unused
0
Read buffer register
For buffered registers, serial port readback reads from actual (active) registers instead of
from the buffer.
0 (default) = reads values currently applied to the internal logic of the device.
1 = reads buffered values that take effect on the next assertion of the I/O update.
Table 41. Soft I/O Update
Address
Bits
Bit Name
Description
0005
[7:1]
Unused
0
I/O update
Writing a 1 to this bit transfers the data in the serial I/O buffer registers to the internal
control registers of the device. This is an autoclearing bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com