Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 102 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 102 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 98Page - Analog Devices AD9548/PCBZ Datasheet HTML 99Page - Analog Devices AD9548/PCBZ Datasheet HTML 100Page - Analog Devices AD9548/PCBZ Datasheet HTML 101Page - Analog Devices AD9548/PCBZ Datasheet HTML 102Page - Analog Devices AD9548/PCBZ Datasheet HTML 103Page - Analog Devices AD9548/PCBZ Datasheet HTML 104Page - Analog Devices AD9548/PCBZ Datasheet HTML 105Page - Analog Devices AD9548/PCBZ Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 112 page
background image
AD9548
Rev. 0 | Page 102 of 112
Table 145. EEPROM Storage Sequence for Clock Distribution Settings
Address
Bits
Bit Name
Description
0E1B
[7:0]
Clock distribution
The default value of this register is 0x19, which the controller interprets as a data
instruction. Its decimal value is 25, which tells the controller to transfer 26 bytes of
data (25 + 1) beginning at the address specified by the next two bytes. The controller
stores 0x19 in the EEPROM and increments the EEPROM address pointer.
0E1C
[7:0]
Clock distribution
The default value of these two registers is 0x0400. Note that Register 0E1C and
Register 0E1D are the most significant and least significant bytes of the target
address, respectively. Because the previous register contains a data instruction, these
two registers define a starting address (in this case, 0x0400). The controller stores
0x0400 in the EEPROM and increments the EEPROM pointer by 2. It then transfers
26 bytes from the register map (beginning at Address 0x0400) to the EEPROM and
increments the EEPROM address pointer by 27 (26 data bytes and one checksum
byte). The 26 bytes transferred correspond to the clock distribution parameters in the
register map.
0E1D
[7:0]
0E1E
[7:0]
I/O update
The default value of this register is 0x80, which the controller interprets as an I/O
update instruction. The controller stores 0x80 in the EEPROM and increments the
EEPROM address pointer.
Table 146. EEPROM Storage Sequence for Reference Input Settings
Address
Bits
Bit Name
Description
0E1F
[7:0]
Reference inputs
The default value of this register is 0x07, which the controller interprets as a data
instruction. Its decimal value is 7, which tells the controller to transfer eight bytes of
data (7 + 1) beginning at the address specified by the next two bytes. The controller
stores 0x07 in the EEPROM and increments the EEPROM address pointer.
0E20
[7:0]
Reference inputs
The default value of these two registers is 0x0500. Note that Register 0E20 and
Register 0E21 are the most significant and least significant bytes of the target
address, respectively. Because the previous register contains a data instruction,
these two registers define a starting address (in this case, 0x0500). The controller
stores 0x0500 in the EEPROM and increments the EEPROM pointer by 2. It then
transfers eight bytes from the register map (beginning at Address 0x0500) to the
EEPROM and increments the EEPROM address pointer by nine (eight data bytes and
one checksum byte). The eight bytes transferred correspond to the reference inputs
parameters in the register map.
0E21
[7:0]
Table 147. EEPROM Storage Sequence for Profile 0 and Profile 1 Settings
Address
Bits
Bit Name
Description
0E22
[7:0]
Profile 0 and Profile 1
The default value of this register is 0x63, which the controller interprets as a data
instruction. Its decimal value is 99, which this tells the controller to transfer 100 bytes
of data (99 + 1) beginning at the address specified by the next two bytes. The
controller stores 0x63 in the EEPROM and increments the EEPROM address pointer.
0E23
[7:0]
Profile 0 and Profile 1
The default value of these two registers is 0x0600. Note that Register 0E23 and
Register 0E24 are the most significant and least significant bytes of the target
address, respectively. Because the previous register contains a data instruction,
these two registers define a starting address (in this case, 0x0600). The controller
stores 0x0600 in the EEPROM and increments the EEPROM pointer by 2. It then
transfers 100 bytes from the register map (beginning at Address 0x0600) to the
EEPROM and increments the EEPROM address pointer by 101 (100 data bytes and
one checksum byte). The 99 bytes transferred correspond to the Profile 0 and
Profile 1 parameters in the register map.
0E24
[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com