Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 105 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 105 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 101Page - Analog Devices AD9548/PCBZ Datasheet HTML 102Page - Analog Devices AD9548/PCBZ Datasheet HTML 103Page - Analog Devices AD9548/PCBZ Datasheet HTML 104Page - Analog Devices AD9548/PCBZ Datasheet HTML 105Page - Analog Devices AD9548/PCBZ Datasheet HTML 106Page - Analog Devices AD9548/PCBZ Datasheet HTML 107Page - Analog Devices AD9548/PCBZ Datasheet HTML 108Page - Analog Devices AD9548/PCBZ Datasheet HTML 109Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 112 page
background image
AD9548
Rev. 0 | Page 105 of 112
POWER SUPPLY PARTITIONS
The AD9548 features multiple power supplies, and their power
consumption varies with the AD9548 configuration. This
section provides information about which power supplies can
be grouped together and how the power consumption of each
block varies with frequency.
The numbers quoted here are for comparison only. Please refer
to the Specifications section for exact numbers. With each group,
bypass capacitors of 1 μF in parallel with 10 μF should be used.
Upon applying power to the device, internal circuitry monitors
the 1.8 V digital core supply and the 3.3 V digital I/O supply.
When these supplies cross the desired threshold level, the device
generates an internal 10 μs reset pulse. This pulse does not
appear on the RESET pin.
3.3 V SUPPLIES
The 3.3 V supply domain consists of two main partitions, digital
(DVDD3) and analog (AVDD3). Take care to keep these two
supply domains separate.
Furthermore, the AVDD3 consists of two subdomains: the clock
distribution output domain (Pin 31, Pin 37, Pin 38, and Pin 44)
and the rest of the AVDD3 supply connections. Generally, these
supply domains can be joined together. However, if an
application requires 1.8 V CMOS driver operation in the clock
distribution output block, then provide one 1.8 V supply
domain to power the clock distribution output block. Each
output driver has a dedicated supply pin, as shown in Table 153.
Table 153. Output Driver Supply Pins
Output Driver
Supply Pin
OUT0
31
OUT1
37
OUT2
38
OUT3
44
1.8 V SUPPLIES
The 1.8 V supply domain consists of two main partitions, digital
(DVDD) and analog (AVDD). These two supply domains must
be kept separate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com