Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8262E Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 33Page - Infineon Technologies AG TLE8262E Datasheet HTML 34Page - Infineon Technologies AG TLE8262E Datasheet HTML 35Page - Infineon Technologies AG TLE8262E Datasheet HTML 36Page - Infineon Technologies AG TLE8262E Datasheet HTML 37Page - Infineon Technologies AG TLE8262E Datasheet HTML 38Page - Infineon Technologies AG TLE8262E Datasheet HTML 39Page - Infineon Technologies AG TLE8262E Datasheet HTML 40Page - Infineon Technologies AG TLE8262E Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 93 page
background image
Data Sheet
37
Rev. 1.0, 2009-03-31
TLE8262E
High Speed CAN Transceiver
CAN Bus Transmitter
8.6.10
CANH/CANL Recessive
Output Voltage
V
CANL/H
2.0
–
3.0
V
CAN Normal Mode
no load
8.6.11
CANH, CANL Recessive
Output Voltage Difference
Vdiff = VCANH - VCANL
V
diff_r_N
-500
–
50
mV
CAN Normal Mode
V
TxD = Vcc1µC;
no load
8.6.12
CANL Dominant Output
Voltage
V
CANL
0.5
–
2.25
V
CAN Normal Mode
V
TxD = 0 V;
V
ccHSCAN = 5 V
8.6.13
CANH Dominant Output
Voltage
V
CANH
2.75
–
4.5
V
CAN Normal Mode
V
TxD = 0 V;
V
ccHSCAN = 5 V
8.6.14
CANH, CANL Dominant
Output Voltage Difference
Vdiff = VCANH - VCANL
V
diff_d_N
1.5
–
3.0
V
CAN Normal Mode
V
TxD = 0 V;
V
ccHSCAN = 5 V
8.6.15
CANH, CANL Dominant
Output Voltage Difference
Vdiff = VCANH - VCANL
V
diff_d_N
1.5
–
3.0
V
CAN Normal Mode
V
TxD = 0 V;
V
ccHSCAN = 5 V
RL = 50Ω
8.6.16
CANH Short Circuit
Current
I
CANHsc
-200
-80
-50
mA
CAN Normal Mode
V
CANHshort = 0 V
8.6.17
CANL Short Circuit
Current
I
CANLsc
50
80
200
mA
CAN Normal Mode
V
CANLshort = 18 V
8.6.18
Leakage Current
I
CANH,lk
I
CANL,lk
–2
–
µA
V
S = VccHSCAN = 0 V;
0 V <
V
CANH,L< 5 V
SPLIT Termination Output; Pin SPLIT
8.6.20
SPLIT Output Voltage
V
SPLIT
0.3
×
V
ccHSCAN
0.5
×
V
ccHSCAN
0.7
×
V
ccHSCAN
V
CAN Normal Mode
-500 µA <
I
SPLIT < 500 µA
8.6.21
Leakage Current
I
SPLIT
-5
0
5
µA
CAN Wake capable Mode;
-27 V <
V
SPLIT < 40 V
8.6.22
SPLIT Output Resistance
R
SPLIT
–
600
–
Ω
–1)
Receiver Output RxD
8.6.23
HIGH level Output Voltage
V
RxD,H
0.8
×
V
CC1µC
––
V
CAN Normal Mode
I
RxD(CAN) = -2 mA;
8.6.24
LOW Level Output
Voltage
V
RxD,L
––
0.2
×
V
cc1µC
V
CAN Normal Mode
I
RxD(CAN) = 2 mA;
Transmission Input TxD
8.6.26
HIGH Level Input Voltage
Threshold
V
TD,H
––
0.7
×
V
cc1µC
V
CAN Normal Mode
recessive state
8.6.27
LOW Level Input Voltage
Threshold
V
TD,L
0.3
×
V
cc1µC
–
–
V
CAN Normal Mode
dominant state
8.6
Electrical Characteristics (cont’d)
4.75 V <
V
ccHSCAN < 5.25 V; VS = 5.5 V to 28 V; RL = 60 Ω; CAN Normal Mode; Tj = -40 °C to +150 °C; all voltages
with respect to ground; positive current flowing into pin; unless otherwise specified.
Pos.
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com