Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8262E Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 39Page - Infineon Technologies AG TLE8262E Datasheet HTML 40Page - Infineon Technologies AG TLE8262E Datasheet HTML 41Page - Infineon Technologies AG TLE8262E Datasheet HTML 42Page - Infineon Technologies AG TLE8262E Datasheet HTML 43Page - Infineon Technologies AG TLE8262E Datasheet HTML 44Page - Infineon Technologies AG TLE8262E Datasheet HTML 45Page - Infineon Technologies AG TLE8262E Datasheet HTML 46Page - Infineon Technologies AG TLE8262E Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 93 page
background image
Data Sheet
43
Rev. 1.0, 2009-03-31
TLE8262E
LIN Transceiver
10
LIN Transceiver
The SBC includes up to three LIN blocks, but this chapter describes only one because all three LIN block are
completely identical.
10.1
Block Description
Figure 18
Functional Block Diagram
10.2
LIN Description
The LIN transceiver cells of the SBC is an interface between the protocol controller and the physical bus. It is
especially suitable for driving the bus line in LIN systems in automotive and industrial applications. It is compatible
to LIN 2.1 as well as SAE J2602-2.
To reduce current consumption, the LIN transceiver offers a LIN Wake Capable Mode and a LIN OFF Mode. The
LIN transceiver has a bus short to GND feature implemented to avoid a battery discharge. The transceiver offers
very good EMC performance within a broad frequency range independent of battery voltage. This is achieved by
implementing a slope control mechanism based on a constant slew rate. In case the
V
s < VUVOFF, the LIN bus pin
has high impedance and the maximum current which can flow in is set to IBUSlk
10.2.1
LIN Normal Mode
In this mode, it is possible to transmit and receive messages on each BusX. The LIN transceiver enters the LIN
Normal Mode after the microcontroller sends an SPI word (see Chapter 15) and also by entering SBC Software
Flash Mode.
Driver
Temp.-
Protection
Current
Limit
Output
Stage
TxD Input
Receiver
RxDx
BUSx
TxDx
VS
RBUS
Filter
Timeout
LIN BLOCK.VSD
RTD
Vcc1µC
To SPI Diagnostic
RxD Diag
SPI Mode Control
Vcc1µC
Wake
Receiver
Vs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com