Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8262E Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 18Page - Infineon Technologies AG TLE8262E Datasheet HTML 19Page - Infineon Technologies AG TLE8262E Datasheet HTML 20Page - Infineon Technologies AG TLE8262E Datasheet HTML 21Page - Infineon Technologies AG TLE8262E Datasheet HTML 22Page - Infineon Technologies AG TLE8262E Datasheet HTML 23Page - Infineon Technologies AG TLE8262E Datasheet HTML 24Page - Infineon Technologies AG TLE8262E Datasheet HTML 25Page - Infineon Technologies AG TLE8262E Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
Data Sheet
22
Rev. 1.0, 2009-03-31
TLE8262E
Internal Voltage Regulator
6.4
Application information
6.4.1
Timing Diagram
Figure 5 shows the ramp up and down of the VS, and the dependency of Vcc1µC. At the first ramp up from SBC Init
Mode, the reset threshold VRT and time tRO are set to the default value. See Chapter 11.1
Figure 5
Ramp up / Down of Main Voltage Regulator
An undervoltage time-out on
V
cc1µC is implemented. Refer to Chapter 13 for more information on this function.
6.4.2
Under voltage detection at Vcc2
The
V
cc2 voltage regulator integrates an under voltage detection. When Vcc2 voltage goes below VUV_VCC2, the
failure is indicated by an interrupt and the failure is reported into the diagnosis frame of the SPI.
Table 3
Internal Voltage Regulators States
SBC Mode
Vcc1µC
Vcc2
INIT Mode
ON
OFF
Normal Mode
ON
ON
OFF
Sleep Mode
OFF
OFF
Restart Mode
ON
unchanged
Software Flash Mode
ON
ON
OFF
Stop Mode
ON
ON
OFF
Fail-Safe Mode
OFF
OFF
t
Vcc1µC
t
VUV OFF
GND
RO
t
Vs
VUV ON
VRTx,r
VRTx,f
SBC OFF
SBC Init
Any mode
SBC OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com