Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8262E Datasheet(PDF) 77 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 77 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 73Page - Infineon Technologies AG TLE8262E Datasheet HTML 74Page - Infineon Technologies AG TLE8262E Datasheet HTML 75Page - Infineon Technologies AG TLE8262E Datasheet HTML 76Page - Infineon Technologies AG TLE8262E Datasheet HTML 77Page - Infineon Technologies AG TLE8262E Datasheet HTML 78Page - Infineon Technologies AG TLE8262E Datasheet HTML 79Page - Infineon Technologies AG TLE8262E Datasheet HTML 80Page - Infineon Technologies AG TLE8262E Datasheet HTML 81Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 93 page
background image
Data Sheet
77
Rev. 1.0, 2009-03-31
TLE8262E
Serial Peripheral Interface
15.5.2.3 CAN / LIN failure encoder
Table 17 describes the encoding of the possible internal CAN and LIN failures.
15.5.2.4 Configuration encoder
Table 18 lists the configuration register of the SBC. The microcontroller can change the settings. If no settings are
changed the default values are used. The current value can be read on the SPI Data Out.
Table 17
CAN / LIN Failure Encoder
CAN / LINx 1 Failure CAN / LINx 0 Failure Fault
00
No failure
0
1
TxD shorted to GND or bus dominant clamped
1
0
RxD shorted to
V
cc
1
1
TxD shorted to RxD
Table 18
Configuration Encoder
Configuration
Select
Bit Name
Default
Value
(INPUT)
Default
Value
(OUT)
State
Configuration select 100 (SBC Configuration Register)
100
RT10
01
01
Reset threshold setting. Please refer to Table 19
Reset delay
1
1
Long reset window
V
cc3 ON /OFF
0
0
V
cc3 is activated (1)
WK pin ON / OFF 1
1
The wake pin will wake the SBC
V
cc2 On / Off
0
0
V
cc2 is activated (1)
LH ON / OFF
0
0
Limp Home output state. Activated (1) when entry
condition is met.
Cyclic WK On /
Off
0
0
Activation (1) of the cyclic wake
WD to LH
1
1
Watchdog failure to Limp Home active.
0 = only one Watchdog failure brings to Limp Home
activated.
1 = two consecutive Watchdog failures bring to Limp
Home activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com