Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8262E Datasheet(PDF) 91 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 91 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 85Page - Infineon Technologies AG TLE8262E Datasheet HTML 86Page - Infineon Technologies AG TLE8262E Datasheet HTML 87Page - Infineon Technologies AG TLE8262E Datasheet HTML 88Page - Infineon Technologies AG TLE8262E Datasheet HTML 89Page - Infineon Technologies AG TLE8262E Datasheet HTML 90Page - Infineon Technologies AG TLE8262E Datasheet HTML 91Page - Infineon Technologies AG TLE8262E Datasheet HTML 92Page - Infineon Technologies AG TLE8262E Datasheet HTML 93Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 91 / 93 page
background image
Data Sheet
91
Rev. 1.0, 2009-03-31
TLE8262E
Package Outline
17
Package Outline
Figure 44
PG-DSO-36-38 (Leadframe A6901-003);)
Note: For the SBC product family the package PG-DSO-36-38 with the leadframe A6901-C003 is used.
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products and to be compliant with
government regulations, the Universal System Basis Chip is available as a green product. Green products are
RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-
020).
PG-DSO-36-24, -38, -41, -42-PO V08
Exposed Diepad
Index Marking
1) Does not include plastic or metal protrusion of 0.15 max. per side
2) Does not include dambar protrusion of 0.05 max. per side
3) Distance from leads bottom (= seating plane) to exposed diepad
4) Exclunding the mold flash allowance of 0.3mm MAX per side
Index Marking
Ejector Mark
Polish Finish
1
18
X
36
19
18
1
19
36
Bottom View
0.65
17 x 0.65 = 11.05
±0.08
0.33
2)
4)
A-B
0.17 M
36x
C
C
C
D
0.1
36x
SEATING PLANE
-0.2
7.6
1)
0.35 x 45˚
0.7 ±0.2
10.3 ±0.3
A
D
1)
12.8 -0.2
B
PG-DSO-36-38
PG-DSO-36-38
PG-DSO-36-24, -41, -42
Package
A6901-C007
A6901-C003
A6901-C001
Leadframe
5.2
X
7
7
4.6
PG-DSO-36-24
A6901-C008 6.0
5.4
Y
5.1
5.1
Exposed Diepad Dimensions
Ejector Mark
Cavity ID
For information about packages and types of packing, refer to the
Infineon Internet Page “Products”: http://www.infineon.com/products.
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com