Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8262E Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 45Page - Infineon Technologies AG TLE8262E Datasheet HTML 46Page - Infineon Technologies AG TLE8262E Datasheet HTML 47Page - Infineon Technologies AG TLE8262E Datasheet HTML 48Page - Infineon Technologies AG TLE8262E Datasheet HTML 49Page - Infineon Technologies AG TLE8262E Datasheet HTML 50Page - Infineon Technologies AG TLE8262E Datasheet HTML 51Page - Infineon Technologies AG TLE8262E Datasheet HTML 52Page - Infineon Technologies AG TLE8262E Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
Data Sheet
49
Rev. 1.0, 2009-03-31
TLE8262E
LIN Transceiver
10.6
Electrical Characteristics
V
S = 6 to 18 V
1); R
L = 500 Ω; Tj = -40 °C to +150 °C; all voltages with respect to ground; positive current flowing
into pin; unless otherwise specified.
Pos.
Parameter
Symbol
Limit Values
Unit
Test condition
Min.
Typ.
Max.
Receiver Output RxDX Push Pull
10.6.1
HIGH level Output
Voltage
V
RxD,H
0.8
×
V
CC1µC
––
V
LIN Normal Mode
I
RxD(LIN) = -1.6 mA;
V
bus = VS
10.6.2
LOW Level Output
Voltage
V
RxD,L
––0.2
×
V
cc1µC
V
LIN Normal Mode
I
RxD(LIN) = 1.6 mA;
V
bus = 0 V
Transmission Input TxDX
10.6.3
HIGH Level Input
Voltage Threshold
V
TxD,H
––0.7
×
V
cc1µC
V
LIN Normal Mode
recessive state
10.6.4
Input Hysteresis
V
TxD,hys
–0.12
×
V
cc1µC
–V
3)
10.6.5
LOW Level Input Voltage
Threshold
V
TxD,L
0.3
×
V
cc1µC
––
V
LIN Normal Mode
dominant state
10.6.6
Pull-up Resistance
R
TD
20
40
80
k
Ω
V
TxD = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com