Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8262E Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 69Page - Infineon Technologies AG TLE8262E Datasheet HTML 70Page - Infineon Technologies AG TLE8262E Datasheet HTML 71Page - Infineon Technologies AG TLE8262E Datasheet HTML 72Page - Infineon Technologies AG TLE8262E Datasheet HTML 73Page - Infineon Technologies AG TLE8262E Datasheet HTML 74Page - Infineon Technologies AG TLE8262E Datasheet HTML 75Page - Infineon Technologies AG TLE8262E Datasheet HTML 76Page - Infineon Technologies AG TLE8262E Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 93 page
background image
Data Sheet
73
Rev. 1.0, 2009-03-31
TLE8262E
Serial Peripheral Interface
15.4
SPI Output Data
Figure 36
16-bit SPI Output Data / Control Word
15.5
SPI Data Encoding
15.5.1
WD Refresh bit / WK state
The WD Refresh bit is used to trigger the Watchdog. The first trigger should be a
1, and then a 0. For more details,
please refer to Chapter 11.2.
The WK state bit gives the voltage level at the WK pin. A
1 indicates a high level, a 0 a low level.
15 14 13 12 11 10
8
9
7
6
5
4
3
2
0
1
Mode Selection
Bits
Configuration Select
Configuration Registers
L.H.
On/off
Output
Data
Normal
SW Flash
Sleep
000
001
010
011
100
101
000
010
Reset
Delay
Window /Time out Watchdog
Timing Bit Position: 10 .. 6
110
111
011
001
LIN
10.4k
WD
On/Off
CHK
SUM
SPI_Settings_out_TLE8262.vsd
Fail Safe
Reserved
LSB
MSB
MS0
MS1
MS2
CS0
CS1
VCC2
On/Off
Restart
Stop
Ti.
Out /
Win.
WD to
LH
VCC3
On/off
RT1
RT0
Cyclic
WK
On/off
100
110
111
101
CS2
UV
VCC2
OT
VCC2
Reset
Fail
SPI
UV
Vcc3
OTP
Vcc1µC
OT
HS CAN
Wrong
WD set
Res.
LIN1
failure
0
Res.
Res.
CAN
Bus
LIN1
failure
1
CAN
failure
1
CAN
failure
0
Res.
Res.
WK 0
WK pin
Cyclic
WK
Res.
WK
LIN1
WK
CAN
Reserved
Test 2
LH 1
LH 2
LH 0
Test 1 Test 0
Res.
Res.
INT
RM1
WK
state
RM0
Status or
INTERRUPT
event
REGISTER
Set to
1
Res.
CAN
1
Res.
CAN
0
WK PIN
On/off
Res.
Res.
LIN1
1
LIN 1
0
ICC3 >
ICC3max
Init
WK 1
WK pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com