Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8262E Datasheet(PDF) 83 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 83 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 79Page - Infineon Technologies AG TLE8262E Datasheet HTML 80Page - Infineon Technologies AG TLE8262E Datasheet HTML 81Page - Infineon Technologies AG TLE8262E Datasheet HTML 82Page - Infineon Technologies AG TLE8262E Datasheet HTML 83Page - Infineon Technologies AG TLE8262E Datasheet HTML 84Page - Infineon Technologies AG TLE8262E Datasheet HTML 85Page - Infineon Technologies AG TLE8262E Datasheet HTML 86Page - Infineon Technologies AG TLE8262E Datasheet HTML 87Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 93 page
background image
Data Sheet
83
Rev. 1.0, 2009-03-31
TLE8262E
Serial Peripheral Interface
15.7
Electrical Characteristics
V
S = 5.5 V to 28 V; Tj = -40 °C to +150 °C; SBC Normal Mode; all voltages with respect to ground; positive current
defined flowing into pin; unless otherwise specified.
Pos.
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
SPI Interface; Logic Inputs SDI, CLK and CSN
15.7.1
H-input Voltage Threshold
V
IH
–
–
0.7 x
V
CC1µC
V–
15.7.2
L-input Voltage Threshold
V
IL
0.3 x
V
CC1µC
––
V
–
15.7.3
Hysteresis of input
Voltage
V
IHY
0.12 x
V
CC1µC
V–1)
15.7.4
Pull-up Resistance at pin
CSN
R
ICSN
20
40
80
k
Ω
V
CSN = 0.7 × VCC1µC
15.7.5
Pull-down Resistance at
pin SDI and CLK
R
ICLK/SDI
20
40
80
k
Ω
V
SDI/CLK = 0.2 × VCC1µC
15.7.6
Input Capacitance
at pin CSN, SDI or CLK
C
I
–10
-
pF
-1)
Logic Output SDO
15.7.7
H-output Voltage Level
V
SDOH
V
CC1µC -
0.4
V
CC1µC -
0.2
–V
I
DOH = -1.6 mA
15.7.8
L-output Voltage Level
V
SDOL
–0.2
0.4
V
I
DOL = 1.6 mA
15.7.9
Tri-state Leakage Current
I
SDOLK
-10
–
10
µA
V
CSN = VCC1µC;
0 V <
V
DO < VCC1
15.7.10 Tri-state Input
Capacitance
C
SDO
–10
15
pF
1)
Data Input Timing1)
15.7.11 Clock Period
t
pCLK
250
–
–
ns
–
15.7.12 Clock High Time
t
CLKH
125
–
–
ns
–
15.7.13 Clock Low Time
t
CLKL
125
–
–
ns
–
15.7.14 Clock Low before CSN
Low
t
bef
125
–
–
ns
–
15.7.15 CSN Setup Time
t
lead
250
–
–
ns
–
15.7.16 CLK Setup Time
t
lag
250
–
–
ns
–
15.7.17 Clock Low after CSN High
t
beh
125
–
–
ns
–
15.7.18 SDI Set-up Time
t
DISU
100
–
–
ns
–
15.7.19 SDI Hold Time
t
DIHO
50
–
–
ns
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com