Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8262E Datasheet(PDF) 82 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 82 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 78Page - Infineon Technologies AG TLE8262E Datasheet HTML 79Page - Infineon Technologies AG TLE8262E Datasheet HTML 80Page - Infineon Technologies AG TLE8262E Datasheet HTML 81Page - Infineon Technologies AG TLE8262E Datasheet HTML 82Page - Infineon Technologies AG TLE8262E Datasheet HTML 83Page - Infineon Technologies AG TLE8262E Datasheet HTML 84Page - Infineon Technologies AG TLE8262E Datasheet HTML 85Page - Infineon Technologies AG TLE8262E Datasheet HTML 86Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 93 page
background image
Data Sheet
82
Rev. 1.0, 2009-03-31
TLE8262E
Serial Peripheral Interface
15.6.2
Read Only command
In the Mode Selection Bits a Read Only can be selected. The Read Only access clears the INT bits that are
selected in the Configuration Select (some interrupt bits show a state, and can not be cleared with a SPI read).
With this SPI command no write access is done to the SBC, and the mode of the SBC is not changed. The
watchdog can also be triggered with a Read Only command.
The Read Only command delivers the information requested with the Configuration Select in the same SPI
command on the SDO pin. As all other SPI commands deliver the requested information with the next SPI
command.
Figure 37 shows an example of a Read Only access. The bits are shown with LSB first, on the left side in
difference to the register description.
Figure 37
Read Only Command
Figure 38 shows an example of an SPI write access in normal mode for comparison. The requested information
is sent out with the next SPI command.
Figure 38
Write Command
WK
state
0
1
2
3
4
5
7
6
8
9
10 11 12 13
15
14
Configuration Registers
DI
MS0MS1
MS2CS0
CS1
CS2
WD
refresh
Configuration Select
Mode Selection
Bits
0
1
2
3
4
5
7
6
8
9
10 11 12 13
15
14
Configuration Registers
DI
MS0
MS1
MS2
CS0
CS1
CS2
WD
refresh
Configuration Select
Mode Selection
Bits
0
1
2
3
4
5
7
6
8
9
10 11 12 13
15
14
Configuration Registers
DO
MS0MS1
MS2CS0
CS1
CS2
Configuration Select
Mode Selection
Bits
1
1
1
0
0
0
x
x
x
x
x
x
x
x
x
x
WK
state
0
1
2
3
4
5
7
6
8
9
10 11 12 13
15
14
Configuration Registers
DO
MS0
MS1
MS2
CS0
CS1
CS2
Configuration Select
Mode Selection
Bits
1
1
0
1
0
0
x
x
x
x
x
x
x
x
x
x
1
1
0
0
0
0
x
x
x
x
x
x
x
x
x
x
1
1
0
1
1
1
x
x
x
x
x
x
x
x
x
x
TIME
WK
state
0
1
2
3
4
5
7
6
8
9
10 11 12 13
15
14
Configuration Registers
DI
MS0MS1
MS2CS0
CS1
CS2
WD
refresh
Configuration Select
Mode Selection
Bits
0
1
2
3
4
5
7
6
8
9
10 11 12 13
15
14
Configuration Registers
DI
MS0
MS1
MS2
CS0
CS1
CS2
WD
refresh
Configuration Select
Mode Selection
Bits
0
1
2
3
4
5
7
6
8
9
10 11 12 13
15
14
Configuration Registers
DO
MS0MS1
MS2CS0
CS1
CS2
Configuration Select
Mode Selection
Bits
1
1
0
0
0
0
x
x
x
x
x
x
x
x
x
x
WK
state
0
1
2
3
4
5
7
6
8
9
10 11 12 13
15
14
Configuration Registers
DO
MS0
MS1
MS2
CS0
CS1
CS2
Configuration Select
Mode Selection
Bits
1
1
0
0
0
0
x
x
x
x
x
x
x
x
x
x
1
1
0
1
0
0
x
x
x
x
x
x
x
x
x
x
1
1
0
1
1
1
x
x
x
x
x
x
x
x
x
x
TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com