Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8262E Datasheet(PDF) 79 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 79 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 75Page - Infineon Technologies AG TLE8262E Datasheet HTML 76Page - Infineon Technologies AG TLE8262E Datasheet HTML 77Page - Infineon Technologies AG TLE8262E Datasheet HTML 78Page - Infineon Technologies AG TLE8262E Datasheet HTML 79Page - Infineon Technologies AG TLE8262E Datasheet HTML 80Page - Infineon Technologies AG TLE8262E Datasheet HTML 81Page - Infineon Technologies AG TLE8262E Datasheet HTML 82Page - Infineon Technologies AG TLE8262E Datasheet HTML 83Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 93 page
background image
Data Sheet
79
Rev. 1.0, 2009-03-31
TLE8262E
Serial Peripheral Interface
15.5.3
SBC Diagnostic encoder
The SBC offers diagnostics information. The encoding of the different possible failures are listed in the following
table. The description apply only to data output.
15.5.3.1 Reason for restart and reset
Reason for reset, without activation of the Limp Home and the way it is encoded are summed up in Table 21. The
bits are cleared by reading the register with Read-Only command. When coming from Sleep Mode or Fail Safe
Mode the bits are cleared.
Table 20
Watchdog Encoder
Bit 10...6
Decimal calculation (ms)
Timer (ms)
00000
0
(n+1)
× 16
n = decimal value of
setting
16
00001
1
32
00010
2
48
...
...
...
01111
15
256 (default setting)
10000
16
n
× 48 - 464
304
10001
17
352
...
...
...
11110
30
976
11111
31
1024
Table 21
Reason to Enter SBC Restart Mode without Limp HomeLimp Home activation
RM1
RM0
Cause for entering SBC Restart Mode
0
0
No reset has occurred or Limp Home activated
0
1
Undervoltage on
V
cc1µC
1
0
First Watchdog failure (config 3 and 4) or no acknowledge of the Cyclic Wake-up
1
1
SPI command in SBC Software Flash Mode or reset low from outside



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com