Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8262E Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 19Page - Infineon Technologies AG TLE8262E Datasheet HTML 20Page - Infineon Technologies AG TLE8262E Datasheet HTML 21Page - Infineon Technologies AG TLE8262E Datasheet HTML 22Page - Infineon Technologies AG TLE8262E Datasheet HTML 23Page - Infineon Technologies AG TLE8262E Datasheet HTML 24Page - Infineon Technologies AG TLE8262E Datasheet HTML 25Page - Infineon Technologies AG TLE8262E Datasheet HTML 26Page - Infineon Technologies AG TLE8262E Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
Data Sheet
23
Rev. 1.0, 2009-03-31
TLE8262E
Internal Voltage Regulator
6.5
Electrical Characteristics
V
S = 5.5 V to 28 V; CCC1µC = CCC2 = 470 nF; all outputs open; SBC Normal Mode;
Tj = -40 °C to +150 °C; all voltages with respect to ground; positive current defined flowing into pin; unless
otherwise specified.
Pos.
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.
Voltage Regulator; Pin
V
cc1 µC
6.5.1
Output Voltage
V
CC1µC
4.9
5.0
5.1
V
0 mA <
I
CC1µC<200 mA;
5.5 V <
V
S < 28 V;
6.5.2
Line Regulation
∆VCC1µC,Li
––
20
mV
6 V <
V
S < 16 V;
I
CC1µC = 0 A
6.5.3
Load Regulation
∆VCC1µC,Lo
––
50
mV
5 mA <
I
CC1µC<200 mA;
V
S = 6 V
6.5.4
Power Supply Ripple
Rejection
PSRR
–
40
–
dB
V
r = 1 Vpp;
f
r = 100 Hz;
1)
6.5.5
Output Current Limit
I
cc1µC max
200
–
500
mA
V
cc1µC = 4.5 V;
power transistor thermally
monitored;
6.5.6
Drop Voltage
V
DR Vcc1µC
––
0.5
V
I
CC1µC = 150 mA;
2)
Voltage Regulator; Pin
V
cc2
6.5.7
Output Voltage
V
CC2
4.9
5.0
5.1
V
0 <
I
CC2<200 mA;
5.5 V <
V
S < 28 V;
6.5.8
Line Regulation
∆VCC2,Li
––
20
mV
6 V <
V
S < 16 V;
I
CC2 = 0 A;
6.5.9
Load Regulation
∆VCC2,Lo
––
50
mV
5 mA <
I
CC2<200 mA;
V
S = 6 V
6.5.10
Power Supply Ripple
Rejection
PSRR
–
40
–
dB
V
r = 1 Vpp;
f
r = 100 Hz;
1)
6.5.11
Output Current Limit
I
cc2
200
–
500
mA
V
cc2 = 4.5 V;
power transistor thermally
monitored;
6.5.12
Drop Voltage
V
DR_Vcc2
––
0.5
V
I
CC2 = 150 mA;
2)
6.5.13
Under voltage detection
on Vcc2
V
UV_VCC2
4.5
4.65
4.8
V
V
CC2 falls until INT = LOW
1) specified by design; not subject to production test.
2) Measured when the output voltage has dropped 100 mV from the nominal Value obtained at Vs = 13.5 V. Specified drop
voltage for Vs > 4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com