Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8262E Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 13Page - Infineon Technologies AG TLE8262E Datasheet HTML 14Page - Infineon Technologies AG TLE8262E Datasheet HTML 15Page - Infineon Technologies AG TLE8262E Datasheet HTML 16Page - Infineon Technologies AG TLE8262E Datasheet HTML 17Page - Infineon Technologies AG TLE8262E Datasheet HTML 18Page - Infineon Technologies AG TLE8262E Datasheet HTML 19Page - Infineon Technologies AG TLE8262E Datasheet HTML 20Page - Infineon Technologies AG TLE8262E Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 93 page
background image
Data Sheet
17
Rev. 1.0, 2009-03-31
TLE8262E
General Product Characteristics
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
5.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
Pos.
Parameter
Symbol
Limit Values
Unit
Test Conditions
Min.
Max.
5.2.1
Supply Voltage
V
S
V
UV OFF
28
V
After VS rising above
VUV ON;
1)
1) In the case
V
s < VUVOFF, the SBC is switched OFF and will restart in INIT Mode at next Vs rising.
5.2.2
Supply Voltage
V
S
V
UV OFF
40
V
2)t
pulse = 400 ms
40 V load dump;
Ri = 2
Ω
2) During load dump, the others pins remains in their absolute maximum ratings
5.2.3
SPI Clock Frequency
f
clkSPI
–4
MHz
3)V
S > 5.5 V
3) Not subject to production test, specified by design
5.2.4
SPI Clock Frequency
f
clkSPI
–
1
MHz
If
V
UV ON> VS> VUV OFF;
5.2.5
Junction Temperature
T
j
-40
150
°C–
5.2.6
Undervoltage “OFF”
V
UV OFF
34
V
-1)
5.2.7
Undervoltage “ON
V
UV ON
4.5
5.5
V
-1)
5.2.8
Supply Voltage for Limp Home
Output Active
V
S_LH
5.5
40
V
Pull up to
V
S
RLHO = 40kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com