Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8262E Datasheet(PDF) 89 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 89 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 85Page - Infineon Technologies AG TLE8262E Datasheet HTML 86Page - Infineon Technologies AG TLE8262E Datasheet HTML 87Page - Infineon Technologies AG TLE8262E Datasheet HTML 88Page - Infineon Technologies AG TLE8262E Datasheet HTML 89Page - Infineon Technologies AG TLE8262E Datasheet HTML 90Page - Infineon Technologies AG TLE8262E Datasheet HTML 91Page - Infineon Technologies AG TLE8262E Datasheet HTML 92Page - Infineon Technologies AG TLE8262E Datasheet HTML 93Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 89 / 93 page
background image
Data Sheet
89
Rev. 1.0, 2009-03-31
TLE8262E
Application Information
16.2
Hints for SBC Factory Flash Mode
The mode is used during production of the module to flash the µC. The idea is that the µC is not supplied from the
SBC but from an external 5V power supply. The reset of the µC that is connected to the RO pin of the SBC can
be driven from an external source and the SBC does not give a reset signal. Also no interrupt at the pin INT and
no signal on the SPI SDO pin is generated by the SBC. The SPI pins can be driven externally.
The mode is reached by applying 5V to the
V
CC1µC pin and no voltage to the Vs pin. The Vs pin will show a voltage
of about 4.5V because of the internal diode from
V
CC1µC to Vs. The current drawn at Vs must not exceed the
maximum rating of
I
vs,max = -500mA. The function is designed for ambient temperature.
In case the
V
s was supplied before going to FF Mode, the voltage on pin Vs must be set below 3 V before applying
5V to
V
CC1µC (discharging the C)
Figure 43
Application Hint for Factor Flash Mode
Application_FF_Mode_2.vsd
Vs
VCC1µC
VSS
VDD
CSN
CLK
SDI
SDO
µC
TxD LIN1
RxD LIN1
TxD LIN2
RxD LIN2
TxD LIN3
RxD LIN3
TxD CAN
RxD CAN
INT
CSN
CLK
SDO
SDI
TxD LIN1
RxD LIN1
TxD LIN2
RxD LIN2
TxD LIN3
RxD LIN3
TxD CAN
RxD CAN
Reset
INT
RO
C
VBAT
Other
Devices
IVS
5V
Reset
signal
Not
supplied
Not
supplied
The current
flowing to other
devices from
Vs should be
limited to not
exceed the
maximum
ratings.
Internal
supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com