Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8262E Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 21Page - Infineon Technologies AG TLE8262E Datasheet HTML 22Page - Infineon Technologies AG TLE8262E Datasheet HTML 23Page - Infineon Technologies AG TLE8262E Datasheet HTML 24Page - Infineon Technologies AG TLE8262E Datasheet HTML 25Page - Infineon Technologies AG TLE8262E Datasheet HTML 26Page - Infineon Technologies AG TLE8262E Datasheet HTML 27Page - Infineon Technologies AG TLE8262E Datasheet HTML 28Page - Infineon Technologies AG TLE8262E Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
Data Sheet
25
Rev. 1.0, 2009-03-31
TLE8262E
External Voltage Regulator
7.4
Application Information
7.4.1
Timing information
Figure 7 shows the typical timing, ramp up and ramp down of the External Voltage Regulator, in regards to the
V
S
pin.
Figure 7
Supply Voltage Management
7.4.2
External Components
During production test, the listed parameter are tested with the PNP transistor MJD253 from ON semi.
Characterization is done with the BCP52-16 from Infineon (
I
CC3<200 mA). Other PNP transistors can be used.
Function must be checked in the application.
Figure 8 shows the hardware set up used.
Figure 8
Hardware Set Up
Vcc3
t
VUV_OFF
GND
t
Vs
Vcc3
Undervoltage Managment vcc 3.vsd
VVextUV
SPI
External voltage diagram_appli_note.vsd
R
SHUNT
T1
C
2
C
1
V
S
Vcc3base
Vcc3ref
R
BE
Vcc3shunt
V
S
V
S-VCC3shunt >
V
shunt_threhold
V
REF
State machine
+
-
I
CC3base
V
CC3
I
CC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com