Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8262E Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 14Page - Infineon Technologies AG TLE8262E Datasheet HTML 15Page - Infineon Technologies AG TLE8262E Datasheet HTML 16Page - Infineon Technologies AG TLE8262E Datasheet HTML 17Page - Infineon Technologies AG TLE8262E Datasheet HTML 18Page - Infineon Technologies AG TLE8262E Datasheet HTML 19Page - Infineon Technologies AG TLE8262E Datasheet HTML 20Page - Infineon Technologies AG TLE8262E Datasheet HTML 21Page - Infineon Technologies AG TLE8262E Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 93 page
background image
Data Sheet
18
Rev. 1.0, 2009-03-31
TLE8262E
General Product Characteristics
5.3
Thermal Characteristics
Pos.
Parameter
Symbol
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.
5.3.1
Junction Ambient
R
thJA_1L
–40
K/W
1) 3) 300 mm2
cooling area
1) Specified Rthja value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 single layer. The product (chip +
package) was simulated on a 76.4 x 114.3 x 1.5 mm board.
Junction Ambient
R
thJA_4L
–25
K/W
2) 3)2s2p + 600 mm2
cooling area
2) According to Jedec JESD51-2,-5,-7 at natural convection on 2s2p board for 2W. Board: 76.2x114.3x1.5mm³ with 2 inner
copper layers (35µm thick)., with thermal via array under the exposed pad contacted the first inner copper layer and
600mm2 cooling are on the top layer (70µm)
5.3.2
Junction to Soldering Point
R
thJSP
–5–K/W
3)
3) Not subject to production test; specified by design;
Thermal Prewarning and Shutdown Junction Temperatures;
5.3.3
V
CC1µC, Thermal Pre-warning
ON Temperature
T
jPW
120
145
170
°C-3)
5.3.4
V
CC1µC, Thermal Prewarning
Hysteresis
∆TPW
–25
–
K
3)
5.3.5
V
CC1µC, VCC2 Thermal Shutdown
Temperature
T
jSDVcc
150
185
200
°C
3)
5.3.6
VCC1µC, VCC2 Thermal Shutdown
Hysteresis
∆TSDVcc
–35
–
K
3)
5.3.7
VCC1µC, Ratio of SD to PW
Temperature
T
jSDVcc/
TjPW
–1.20
–
–
3)
5.3.8
CAN Transmitter Thermal
Shutdown Temperature
T
jSDCAN
150
–
200
°C
3)
5.3.9
CAN Transmitter Thermal
Shutdown Hysteresis
∆TCAN
–10
–
K
3)
5.3.10
LIN Transmitter Thermal Shutdown
Temperature
T
jSDLIN
150
–
200
°C
3)
5.3.11
LIN Transmitter Thermal Shutdown
Hysteresis
∆TLIN
–10
–
K
3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com