Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8262E Datasheet(PDF) 69 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 69 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 65Page - Infineon Technologies AG TLE8262E Datasheet HTML 66Page - Infineon Technologies AG TLE8262E Datasheet HTML 67Page - Infineon Technologies AG TLE8262E Datasheet HTML 68Page - Infineon Technologies AG TLE8262E Datasheet HTML 69Page - Infineon Technologies AG TLE8262E Datasheet HTML 70Page - Infineon Technologies AG TLE8262E Datasheet HTML 71Page - Infineon Technologies AG TLE8262E Datasheet HTML 72Page - Infineon Technologies AG TLE8262E Datasheet HTML 73Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 93 page
background image
Data Sheet
69
Rev. 1.0, 2009-03-31
TLE8262E
Limp Home
13.6
Electrical Characteristics
V
S = 5.5 V to 28 V; Tj = -40 °C to +150 °C; SBC Normal Mode; all voltages with respect to ground; positive current
defined flowing into pin unless otherwise specified.
Pos.
Parameter
Symbol Limit Values
Unit
Test Condition
Min.
Typ.
Max.
Limp Home;
13.6.1
Watchdog edge count
difference to set Limp
Home activated
n
LH
–1
2
–
–
With SPI set.
Default Setting
13.6.2
Limp Home low output
voltage (active)
V
LHLO
–0.2
0.4
V
ILH = 1mA
13.6.3
Limp Home high output
current (inactive)
I
LHHI
0
–2
µA
VLH = 28V
13.6.4
INIT Time-out
t
INITTO
–256
–ms
1)
13.6.5
Vcc1µC under voltage
Time-out
t
Vcc1UVTO 900
1024
1150
ms
13.6.6
V
s threshold for Vcc1µC
under voltage Time-out
(
V
s needs to be above, to
activate
V
cc1µC under
voltage Time-out)
V
SthUV1
5.3
–
6.3
V
V
RT1 default setting
V
SthUV2
4.3
–
5.3
V
V
RT2 SPI option
V
SthUV3
4.0
–
5.0
V
V
RT3 SPI option
13.6.7
Threshold for Limp Home
minimum
V
s
V
LHUV
4.5
–
5.5
V
–
13.6.8
Limp Home
V
s voltage
hysteresis
V
LHUVhys
–0.2
–V
–
Test
13.6.11 HIGH Level Input Voltage
Threshold
V
Test,HI
––
3V
–
13.6.12 Input Hysteresis
V
Test,hys
100
300
700
mV
–
13.6.13 LOW Level Input Voltage
Threshold
V
Test,LO
1–
–V
–
13.6.14 Pull-up Resistor
R
Test
20
40
80
k
Ω
V
LH_PL/Test = 0V
SBC Init Mode
1) Not subject to production test, specified by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com