Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8262E Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 61Page - Infineon Technologies AG TLE8262E Datasheet HTML 62Page - Infineon Technologies AG TLE8262E Datasheet HTML 63Page - Infineon Technologies AG TLE8262E Datasheet HTML 64Page - Infineon Technologies AG TLE8262E Datasheet HTML 65Page - Infineon Technologies AG TLE8262E Datasheet HTML 66Page - Infineon Technologies AG TLE8262E Datasheet HTML 67Page - Infineon Technologies AG TLE8262E Datasheet HTML 68Page - Infineon Technologies AG TLE8262E Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 93 page
background image
Data Sheet
65
Rev. 1.0, 2009-03-31
TLE8262E
Interrupt Function
12.5
Electrical Characteristics
.
V
S = 5.5 V to 28 V; Tj = -40 °C to +150 °C; SBC Normal Mode; all voltages with respect to ground; positive current
defined flowing into pin unless otherwise specified.
Pos.
Parameter
Symbol Limit Values
Unit
Test Condition
Min.
Typ.
Max.
Interrupt output; Pin INT
12.5.1
Interrupt delay Time-out
t
INTTO
5.4
6
6.6
ms
−
12.5.2
INT pulse width
t
INT
10
–
–
µs
1)
1) Not subject to production test, specified by design.
12.5.3
INT Low Output Voltage
V
INTOL
–0.2
0.4
V
I
INT = 1 mA
12.5.4
INT High Output Voltage
V
INTOH
0.7 x
V
CC1µC
–
V
CC1µC
+ 0.3 V
V
I
INT = -20µA
12.5.5
INT Pull-up Resistor
R
INT
10
20
40
k
Ω
V
INT = 0 V
Configuration select; Pin INT
12.5.6
INT Config LOW input
voltage
V
CFGLO
0.3 x
V
cc1µC
––
V
–
12.5.7
INT Config HIGH input
voltage
V
CFGHI
–
–
0.7 x
V
cc1µC
V–
12.5.8
INT Config pull down
R
CFG
–250
–k
Ω
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com