Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-DW6T/2 Datasheet(PDF) 109 Page - STMicroelectronics

Part # M23LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-DW6T/2 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button M23LR64-R-DW6T/2 Datasheet HTML 105Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 106Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 107Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 108Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 109Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 110Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 111Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 112Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 126 page
background image
M24LR64-R
Commands codes
Doc ID 15170 Rev 9
109/126
26.22
Initiate
On receiving the Initiate command, the M24LR64-R will set the internal Initiate_flag and
send back a response only if it is in the ready state. The command has to be issued in the
Non Addressed mode only (Select_flag is reset to 0 and Address_flag is reset to 0). If an
error occurs, the M24LR64-R does not generate any answer. The Initiate_flag is reset after
a power off of the M24LR64-R.
The request contains:
●
No data
The response contains:
●
the flags
●
the Unique ID
Table 97.
Initiate request format
Request
SOF
Request_flags
Initiate
IC Mfg
code
CRC16
Request
EOF
8 bits
D2h
02h
16 bits
Table 98.
Initiate Initiated response format
Response
SOF
Response
_flags
DSFID
UID
CRC16
Response
EOF
8 bits
8 bits
64 bits
16 bits
Figure 70.
Initiate frame exchange between VCD and M24LR64-R
VCD
SOF
Initiate
request
EOF
M24LR64
-R
<-t1-> SOF
Initiate
response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com